Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN768 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # AN768
Description  ANTENNA SELECTION GUIDE FOR THE 868 MHZ
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AN768 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button AN768 Datasheet HTML 3Page - Silicon Laboratories AN768 Datasheet HTML 4Page - Silicon Laboratories AN768 Datasheet HTML 5Page - Silicon Laboratories AN768 Datasheet HTML 6Page - Silicon Laboratories AN768 Datasheet HTML 7Page - Silicon Laboratories AN768 Datasheet HTML 8Page - Silicon Laboratories AN768 Datasheet HTML 9Page - Silicon Laboratories AN768 Datasheet HTML 10Page - Silicon Laboratories AN768 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AN768
Rev. 0.2
7
Figure 7. WES0034-01-AWH868M-01
Panic Button ILA (WES0035-01-APF868P-01) and Panic Button IFA (WES0036-01-APL868P-01) along the
circumference: These type of antennas are very low-cost, small monopole type antennas. Typically they fully
surround the small circuitry along the PCB edge, which allows them to have the highest possible radiation
efficiency and make impedance tuning easier.
These antennas are basically the same as the first antenna type (e.g. WES0031-01-APL868M-01).The antenna
trace also runs along the PCB circumference, but the PCB is significantly smaller.
Due to the very small size, the gain is low, especially at low frequency bands, and these solutions are also sensitive
to the hand effect. Typically, these antennas are used in wristband panic buttons applications, where strong hand
effect exists. Here the antenna is parallel with the hand, and, thus, the hand degrades the radiation. Fortunately,
the range requirement is also low in most cases.
The main difference between the ILA and IFA is that the ILA needs a parallel matching capacitor (5.6 pF here) at
the input, while the IFA is inherently matched. However, the post tuning of the ILA is easier. In the upcoming
document “Antenna Design Guide for Single Ended 50
 Antennas,” Silicon Labs will provide a detailed
description of the tuning process, both for the ILA and IFA antennas. The panic button antennas given in this Matrix
are tuned without hand effect, so the range achieved with them is better than what one could see with the hand
effect.
Figure 8. WES0035-01-APF868P-01


Similar Part No. - AN768

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
   Faster conversion time
More results

Similar Description - AN768

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
OC-LG LINX-OC-LG Datasheet
1Mb / 8P
   868 MHz LPWA Antenna
2020
ANT-868-VHETH LINX-ANT-868-VHETH Datasheet
882Kb / 10P
   868 MHz Helical Antenna
2021
ANT-868-HETH LINX-ANT-868-HETH Datasheet
1Mb / 10P
   868 MHz Helical Antenna
2021
logo
Abracon Corporation
PRO-OB-471 ABRACON-PRO-OB-471 Datasheet
1Mb / 18P
   OnBoard 868/915/8682400 MHz - Antenna
logo
TE Connectivity Ltd
2195835-1 TEC-2195835-1 Datasheet
823Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Abracon Corporation
ACAG1204-868-T ABRACON-ACAG1204-868-T Datasheet
1Mb / 4P
   868 MHz Ceramic Chip Antenna
11.12.2018
logo
TE Connectivity Ltd
2195849-1 TEC-2195849-1 Datasheet
798Kb / 7P
   ISM 868 / 915 MHz ANTENNA
logo
Pulse A Technitrol Comp...
W3013 PULSE-W3013 Datasheet
1Mb / 5P
   ISM 868 MHz Ceramic Antenna
logo
Johanson Technology Inc...
0868AT43A0020E JOHANSON-0868AT43A0020E Datasheet
577Kb / 5P
   868 MHz Antenna for small form factor applications
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com