Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GRM0335C2A5R2BA01 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd.

Part # GRM0335C2A5R2BA01
Description  Chip Monolithic Ceramic Capacitors
Download  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM0335C2A5R2BA01 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GRM0335C2A5R2BA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM0335C2A5R2BA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 182 page
background image
C02E.pdf
Sep.25,2013
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
4
Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog.
(Part Number)
w
GR
q
M
e
18
r
8
t
B1
y
1H
u
102
i
K
o
A01
!0
D
Continued from the preceding page.
!0Packaging
Code
L
D/E/W
K
J/F
B
C
T
ø180mm Embossed Taping
ø180mm Paper Taping
ø330mm Embossed Taping
ø330mm Paper Taping
Bulk
Bulk Case
Bulk Tray
Packaging
Expressed by three figures.
oIndividual Specification Code (Except LLR)
oESR (LLR Only)
Code
E01
E03
E05
E07
100m
Ω
220m
Ω
470m
Ω
1000m
Ω
ESR
Please contact us if you find any part number not provided in this table.


Similar Part No. - GRM0335C2A5R2BA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM0335C2A5R2BA01 MURATA-GRM0335C2A5R2BA01 Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
logo
Murata Manufacturing Co...
GRM0335C2A5R2BA01 MURATA1-GRM0335C2A5R2BA01 Datasheet
4Mb / 89P
   Chip Multilayer Ceramic Capacitors for General
Nov.27,2017
More results

Similar Description - GRM0335C2A5R2BA01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com