Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L60030M-1SQ Datasheet(PDF) 2 Page - Littelfuse

Part # L60030M-1SQ
Description  Class CC/CD and Midget Fuse Blocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L60030M-1SQ Datasheet(HTML) 2 Page - Littelfuse

  L60030M-1SQ Datasheet HTML 1Page - Littelfuse L60030M-1SQ Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Blocks and Holders
126
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
1.89"
[48.0]
3.35"
[85.09]
3.35"
[85.09]
3.35"
[85.09]
1.01"
[25.65]
1 POLE
2 POLE
3 POLE
ADDER
0.783"
[19.89]
3.0"
[76.2]
1.533"
[38.15]
2.283"
[57.15]
1.25"
[31.75]
1 POLE
2 POLE
3 POLE
3.12"
[79.25]
1.01"
[25.65]
1.01"
[25.65]
2.12"
[53.85]
3.0"
[76.2]
3.0"
[76.2]
3.35"
[85.09]
Class CC/CD and Midget Fuse Blocks
600 Volt
Class CC 30A Fuse Blocks
Amp
Rating
No. of
Poles
Catalog
Number
Connector Type
(Add Suffix Shown)
Maximum
Wire Size
1
L60030C-1C
30
2
L60030C-2C
Box Lug
#6 CU
3
L60030C-3C
1
L60030C-1PQ
30
2
L60030C-2PQ
Pressure Plate/
#10 CU
3
L60030C-3PQ
Q. C. Terminal
1
L60030C-1SQ
30
2
L60030C-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030C-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
Class CD 60A Fuse Blocks
Amp
Rating
No. of
Poles
Catalog
Number
Connector Type
(Add Suffix Shown)
Maximum
Wire Size
1
L60060C-1C
60
2
L60060C-2C
Box Lug
#6 CU
3
L60060C-3C
60
Adder
Block
L60060C-AC
Box Lug
#6 CU
Midget Fuse Blocks
Amp
Rating
No. of
Poles
Catalog
Number
Connector Type
(Add Suffix Shown)
Maximum
Wire Size
1
L60030M-1C
30
2
L60030M-2C
Box Lug
#6 CU
3
L60030M-3C
1
L60030M-1PQ
30
2
L60030M-2PQ
Pressure Plate/
#10 CU
3
L60030M-3PQ
Q. C. Terminal
1
L60030M-1SQ
30
2
L60030M-2SQ
Screw/ Q. C. Terminal
#10 CU
3
L60030M-3SQ
Note: Quick Connect Terminals are rated at 20 amperes.
L60030
L60060


Similar Part No. - L60030M-1SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030M-1SQ LITTELFUSE-L60030M-1SQ Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M-1SQ LITTELFUSE-L60030M-1SQ Datasheet
122Kb / 1P
   Fuse Blocks and Clips - For 1 1/2 Long Midget Fuses
More results

Similar Description - L60030M-1SQ

ManufacturerPart #DatasheetDescription
logo
Littelfuse
L60030C LITTELFUSE-L60030C Datasheet
129Kb / 2P
   Class CC/CD and Midget Fuse Blocks
L60030M3SQ LITTELFUSE-L60030M3SQ Datasheet
641Kb / 3P
   LF SERIES CLASS CC/CD AND MIDGET (10x38 mm) FUSE BLOCKS
Rev: 020421
0SPL0001T LITTELFUSE-0SPL0001T Datasheet
551Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
Rev: 030619
FBDIN1 LITTELFUSE-FBDIN1 Datasheet
550Kb / 2P
   CLASS CC AND MIDGET FUSE BLOCK ACCESSORIES
2019 Rev: 030619
KLKR LITTELFUSE-KLKR Datasheet
444Kb / 4P
   CLASS CC/CD DIMENSIONS AND CURRENT-LIMITING EFFECTS
LJ600303SR LITTELFUSE-LJ600303SR Datasheet
394Kb / 3P
   Class J Fuse Blocks
2005
LG30015-1 LITTELFUSE-LG30015-1 Datasheet
106Kb / 1P
   Class G Fuse Blocks
LJ60030-1 LITTELFUSE-LJ60030-1 Datasheet
626Kb / 3P
   Class J Fuse Blocks
CCMR LITTELFUSE-CCMR_13 Datasheet
722Kb / 6P
   Class CC/CD CCMR Series FUSES
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
   Class H/K5 and R Fuse Blocks
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com