Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JWS600-8 Datasheet(PDF) 1 Page - TDK Electronics

Part # JWS600-8
Description  Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

JWS600-8 Datasheet(HTML) 1 Page - TDK Electronics

  JWS600-8 Datasheet HTML 1Page - TDK Electronics JWS600-8 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
11
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
JWS Series
Features
u 5 Year Warranty
u Power factor Corrected
u Approved to VDE0160 Machinery Directive
u Universal Input (85 - 265VAC)
u Level B EMI
Key Market Segments & Applications
u Factory Automation Process Control, NC-Machining, Automotive,
Packaging Equipment, Materials Handling,
Chemical Processing, Robots
u Test & Measurement Burn-in & Test, Automated Test,
Instrumentation, Measurement, Detection
Single Output Industrial Power Supplies
Model
JWS50
JWS75
JWS100
JWS150
JWS300
JWS600
Input Voltage range
-
85 - 265VAC (47 - 63Hz) or 120 - 330VDC
Inrush Current (100 / 200VAC)
A
14 / 28
25 / 50
20 / 40
Power Factor
-
Meets EN61000-3-2
Temperature Coefficient
-
<0.02%/°C
Overcurrent Protection
-
>105%
Overvoltage Protection
V
Yes
Hold Up Time (Typ)
ms
20
Leakage Current (max)
mA
0.75
Remote Sense
-
No
Yes
Remote On / Off
-
Specify as Option /R
Standard
AC Power Fail
-
Not Available
Standard
Parallel Connection
-
Not Available
Avail. JWS300 & 600 only
Operating Temp. (open frame)
-
-10ºC~+60ºC, derate linearly to 60% load from 50ºC~60ºC
Operating Temp. (with cover)
-
-10ºC~+50ºC, derate linearly to 60% load from 40ºC~50ºC (JWS50-150)
-
-10ºC~+65ºC, derate linearly to 55% load from 50ºC~65ºC (JWS300-600)
Storage Temperature
-
-30 to +85ºC
Operating Humidity
(1)
-
30 - 90% RH
10 - 90% RH
Storage Humidity
(1)
-
10 - 95% RH
Cooling
-
JWS50 - JWS150 Convection, JWS300 & JWS600 Internal fan
Withstand Voltage
-
Input to Ground 2kVAC (20mA), Input to Output 3kVAC (20mA),
-
Output to Ground 500VAC (100mA) for 1 min.
Isolation Resistance
-
>100M at 25ºC & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
-
< 196.1 m/s2
Safety Agency Approvals
-
UL60950-1, CSA C22.2 No. 60950-1, EN60950-1, VDE0160, CE Mark, Built to meet DENTORI
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC Class B, VCCI-B
Recommended EMI Filter
-
MAW1202-22
MAW1203-22
MB1210
MB1216
Weight (Typ)
g
350
450
650
850
1900
3000
Size (WxHxD)
mm
See side 2
Warranty
-
Five Years
Specifications
(1) Non condensing
Not recommended for new designs - see HWS series


Similar Part No. - JWS600-8

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
JWS600-12 LAMBDA-JWS600-12 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
JWS600-15 LAMBDA-JWS600-15 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
JWS600-24 LAMBDA-JWS600-24 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
JWS600-3 LAMBDA-JWS600-3 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
JWS600-48 LAMBDA-JWS600-48 Datasheet
349Kb / 5P
   Single output 50W ~ 600W???
More results

Similar Description - JWS600-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
TDK Electronics
HWS15A TDK-HWS15A Datasheet
97Kb / 2P
   50-150W Single Output Industrial Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com