Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIT3376MMA7361L Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # KIT3376MMA7361L
Description  짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KIT3376MMA7361L Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button KIT3376MMA7361L Datasheet HTML 3Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 4Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 5Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 6Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 7Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 8Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 9Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 10Page - Freescale Semiconductor, Inc KIT3376MMA7361L Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Sensors
Freescale Semiconductor
7
MMA7361L
Figure 7. MMA7361L Temperature Coefficient of Offset (TCO) and
Temperature Coefficient of Sensitivity (TCS) Distribution Charts
LSL
USL
Target
-2
-1
0
1
2
X-TCO mg/degC
LSL
USL
Target
-2
-1
0
1
2
Y-TCO mg/degC
LSL
USL
Target
-2
-1
0
1
2
Z-TCO mg/degC
LSL
USL
Target
-0.01
-0.005
0
.005
.01
X-TCS %/degC
LSL
USL
Target
-0.01
-0.005
0
.005
.01
Y-TCS %/degC
LSL
USL
Target
-0.01
-0.005
0
.005
.01
Z-TCS %/degC


Similar Part No. - KIT3376MMA7361L

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KIT3001A KODENSHI-KIT3001A Datasheet
207Kb / 3P
   Photo Interrupter
KIT3001B KODENSHI-KIT3001B Datasheet
199Kb / 3P
   Photo Interrupter
KIT3003C KODENSHI-KIT3003C Datasheet
411Kb / 3P
   Photo Interrupter
KIT3018H KODENSHI-KIT3018H Datasheet
438Kb / 3P
   Photo Interrupter
KIT3025S KODENSHI-KIT3025S Datasheet
238Kb / 3P
   Photo Interrupter
More results

Similar Description - KIT3376MMA7361L

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7361L FREESCALE-MMA7361L Datasheet
169Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7360L NXP-MMA7360L Datasheet
187Kb / 10P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 2, 8/2007
logo
Freescale Semiconductor...
MMA7360L_0708 FREESCALE-MMA7360L_0708 Datasheet
144Kb / 10P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA7361LC FREESCALE-MMA7361LC Datasheet
144Kb / 11P
   짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
MMA6361L FREESCALE-MMA6361L Datasheet
141Kb / 11P
   짹1.5g, 짹6g Two Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
   짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
logo
Freescale Semiconductor...
MMA7360L FREESCALE-MMA7360L Datasheet
243Kb / 10P
   짹1.5g-6g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT Datasheet
284Kb / 11P
   짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com