Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSPM1000ZA1R1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZSPM1000ZA1R1
Description  True Digital PWM Controller (Single-Phase, Single-Rail)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSPM1000ZA1R1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZSPM1000ZA1R1 Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSPM1000ZA1R1 Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSPM1000ZA1R1 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more information, contact ZMDI via SPM@zmdi.com.
ZSPM1000
True Digital PWM Controller (Single-Phase, Single-Rail)
© 2013 Zentrum Mikroelektronik Dresden AG
— Rev. 1.40— March 13, 2013. All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated,
stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
Brief Description
The ZSPM1000 is a configurable true-digital single-
phase PWM controller for high-current, non-isolated
DC/DC supplies. It operates as a synchronous step-
down converter in a single-rail and single-phase con-
figuration.
The ZSPM1000 integrates a digital control loop, opti-
mized for maximum flexibility and stability, as well as
load step and steady-state performance. In addition,
a rich set of protection and monitoring functions is
provided. On-chip, non-volatile memory (NVM) and
an I
2C* interface facilitate configuration.
The PC-based ZMDI
’s Pink Power Designer™ pro-
vides a user-friendly and easy-to-use interface to the
device for communication and configuration. It can
guide the user through the design of the digital com-
pensator and offers intuitive configuration methods
for additional features, such as protection and
sequencing.
Features
Programmable digital control loop
Advanced digital control techniques
Tru-sample Technology
State-Law Control
™ (SLC)
Sub-cycle Response
™ (SCR)
Improved transient response and noise immunity
Protection features
Over-current protection
Over-voltage protection (VIN, VOUT)
Under-voltage protection (VIN, VOUT)
Overloaded startup
Restart and delay
Support for SMOD and ZCD drivers
Fuse-based NVM for improved reliability
Operation from a single 5V or 3.3V supply
Optional PMBus™ address selection without
external resistors
*
I
2C™ is a registered trademark of NXP.
** Subject to product type.
Benefits
Fast configurability and design flexibility
Simplified design and integration
Reduced component count through system level
integration
Simplified monitoring for system power and
thermal management
Higher energy efficiency across all output loading
conditions
Available Support
Evaluation Kit
PC-based Pink Power Designer™
Physical Characteristics
Operation temperature: -40°C to +125°C**
V
OUT max: 5V
Lead free (RoHS compliant) 24-pin QFN package
(4 mm x 4 mm)
ZSPM1000 Typical Application Diagram


Similar Part No. - ZSPM1000ZA1R1

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSPM1000ZA1R1 IDT-ZSPM1000ZA1R1 Datasheet
92Kb / 2P
   True Digital PWM Controller
More results

Similar Description - ZSPM1000ZA1R1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSPM1035C ETC2-ZSPM1035C Datasheet
3Mb / 41P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1035C RENESAS-ZSPM1035C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
logo
List of Unclassifed Man...
ZSPM1025C ETC2-ZSPM1025C Datasheet
2Mb / 40P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1035A ETC2-ZSPM1035A Datasheet
2Mb / 47P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025A RENESAS-ZSPM1025A Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 25, 2016
ZSPM1035A RENESAS-ZSPM1035A Datasheet
1Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
logo
List of Unclassifed Man...
ZSPM1025A ETC2-ZSPM1025A Datasheet
2Mb / 46P
   True Digital PWM Controller (Single-Phase, Single-Rail)
ZSPM1005 ETC2-ZSPM1005 Datasheet
644Kb / 24P
   True Digital PWM Controller (Single-Phase, Single-Rail)
logo
Renesas Technology Corp
ZSPM1025C RENESAS-ZSPM1025C Datasheet
1Mb / 39P
   True Digital PWM Controller (Single-Phase, Single-Rail)
January 22, 2016
ZSPM1501ZA1W0 RENESAS-ZSPM1501ZA1W0 Datasheet
8Mb / 102P
   True-Digital PWM Controller (Single-Phase, Single-Rail)
January 27, 2016
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com