Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31150GEB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZSC31150GEB
Description  Fast Automotive Sensor Signal Conditioner
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150GEB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZSC31150GEB Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150GEB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00— December 15, 2012.
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
ZSC31150 Block Diagram
PGA
TS
ADC
CMC
ROM
RAM
EEPROM
DAC
BAMP
ZACwire™
I2C™
Analog Block
Digital Block
ZSC31150
Digital
Data I/O
Analog
Out
Ordering Information (Please refer to section 8 in the data sheet for additional options.)
Product Sales Code
Description
Package
ZSC31150GEB
ZSC31150 Die
— Temperature range: -40°C to +150°C
Unsawn on Wafer
ZSC31150GEC
ZSC31150 Die
— Temperature range: -40°C to +150°C
Sawn on Wafer Frame
ZSC31150GED
ZSC31150 Die
— Temperature range: -40°C to +150°C
Waffle Pack
ZSC31150GEG1
ZSC31150 SSOP-14
— Temperature range: -40°C to +150°C
Tube: add “-T” to sales code
Reel: add “-R”
ZSC31150KIT Evaluation
Kit V1.0
ZSC31150 SSC Evaluation Kit: 3 interconnecting boards,
5 ZSC31150 SSOP-14 samples, USB cable,
software/documentation DVD
Kit
ZSC31150 Mass
Calibration System V1.1
Modular Mass Calibration System (MSC) for ZSC31150: MCS
boards, cable, connectors, DVD with software and documentation
Kit
Sales and Further Information
www.zmdi.com
SSC@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD Far East, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korea Office
U-space 1 Building
11th Floor, Unit JA-1102
670 Sampyeong-dong
Bundang-gu, Seongnam-si
Gyeonggi-do, 463-400
Korea
Phone +49.351.8822.7.772
Fax
+49.351.8822.8.7772
Phone +855.275.9634 (USA)
Phone +408.883.6310
Fax
+408.883.6358
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.31.950.7679
Fax
+82.504.841.3026
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without noti ce. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or
any other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any damages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.


Similar Part No. - ZSC31150GEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31150GEB IDT-ZSC31150GEB Datasheet
658Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150GEB RENESAS-ZSC31150GEB Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150GEB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150 Datasheet
663Kb / 25P
   Fast Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31150 IDT-ZSC31150 Datasheet
658Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com