Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31150FEG1-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ZSC31150FEG1-T
Description  Fast Automotive Sensor Signal Conditioner
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31150FEG1-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ZSC31150FEG1-T Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31150FEG1-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
ZSC31150
Fast Automotive Sensor Signal Conditioner
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 1.08
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished in this publication is subject to changes without notice.
Brief Description
The ZSC31150 is a CMOS integrated circuit for
highly-accurate amplification and sensor-specific
correction of bridge sensor signals. Digital
compensation
of
sensor
offset,
sensitivity,
temperature
drift,
and
non-linearity
is
accomplished
via
an
internal
16-bit
RISC
microcontroller running a correction algorithm, with
calibration coefficients stored in an EEPROM.
The ZSC31150 is adjustable to nearly all bridge
sensor types. Measured values are provided at the
analog voltage output or at the digital ZACwire
TM
and I²C
TM interface. The digital interface can be
used for a simple PC-controlled calibration
procedure, in order to program a set of calibration
coefficients into an on-chip EEPROM. Thus, a
specific sensor and a ZSC31150 are mated
digitally: fast, precise, and without the cost
overhead associated with trimming by external
devices or a laser.
Features
Digital compensation of sensor offset,
sensitivity, temperature drift, and non-linearity
Adjustable to nearly all bridge sensor types,
analog gain of 420, overall gain up to 2000
Output options: ratiometric analog voltage
output (5 - 95% in maximum, 12.4 bit
resolution) or ZACwire
TM (digital one-wire-
interface)
Temperature compensation: internal or external
diode, bridge resistance, thermistor
Sensor biasing by voltage or constant current
Sample rate up to 7.8 kHz
High voltage protection up to 33 V
Supply current: max. 5.5mA
Reverse polarity and short circuit protection
Wide operation temperature up to -40…+150°C
Traceability by user-defined EEPROM entries
Several safety and diagnostic functions
Benefits
No external trimming components required
Only a few external protection devices needed
PC-controlled configuration and One-Shot
calibration via I²C
TM or ZACwireTM interface:
Simple, cost efficient, quick, and precise
End-of-Line calibration via I²C
TM or ZACwireTM
interface
High accuracy (0.25% FSO @ -25 to 85°C;
0.5% FSO @ -40 to 125°C)
The ZSC31150 is optimized for automotive
environments by its special protection circuitry
and excellent electromagnetic compatibility
Available Support
Evaluation Kits
Application Notes
Mass calibration setup
Physical Characteristics
Supply voltage 4.5 to 5.5 V
Operation temperature: -40°C to 125°C
(-40°C to +150°C derated, depending on
product version)
Available in SSOP
14 or as die
ZSC31150 Application Circuit
GND
OUT
VCC
Sensor
Module
ZSC
31150


Similar Part No. - ZSC31150FEG1-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZSC31150FEG1-T ETC2-ZSC31150FEG1-T Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
More results

Similar Description - ZSC31150FEG1-T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31150 IDT-ZSC31150 Datasheet
658Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150 ETC2-ZSC31150_12 Datasheet
776Kb / 26P
   Fast Automotive Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31150 RENESAS-ZSC31150 Datasheet
771Kb / 27P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31150 ZMD-ZMD31150 Datasheet
514Kb / 17P
   Fast Automotive Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31150FEG1 ETC2-ZSC31150FEG1 Datasheet
614Kb / 24P
   Fast Automotive Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31035 ZMD-ZMD31035 Datasheet
453Kb / 2P
   Automotive Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC4151 IDT-ZSSC4151 Datasheet
205Kb / 13P
   Automotive Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com