Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSC31015EEC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ZSC31015EEC
Description  RBicdLite Analog Output Sensor Signal Conditioner with Diagnostic Features
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZSC31015EEC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ZSC31015EEC Datasheet HTML 1Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 2Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 3Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 4Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 5Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 6Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 7Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 8Page - List of Unclassifed Manufacturers ZSC31015EEC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
ZSC31015
RBicdLite™ Analog Output Sensor Signal Conditioner w/ Diagnostic Features
© 2012 Zentrum Mikroelektronik Dresden AG
— Rev. 2.00 — October 28, 2012
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
Highly Versatile Applications
in Many Markets Including
Industrial
Building Automation
Office Automation
White Goods
Automotive *
Portable Devices
Your Innovative Designs
* Not AEC-Q100-qualified.
Analog Block
Digital Block
RBicdLite
ZSC31015
0.1
F
VSS
VBP
12-Bit
DAC
OUTBUF1
ZACwire
TM
Interface
Digital
Core
EEPROM
with Charge
Pump
PREAMP
INMUX
Temperature
Reference
VDD
Regulator
Power Save
POR/Oscillator
VBN
Vgate
SIG
TM
Bsink
(Optional)
VDD (2.7 to 5.5 V)
JFET
1
(Optional if supply is 2.7 to 5.5 V)
D
S
VSUPPLY
5.5 V to 30 V
Sensor
Diagnostics
Ext Temp
Power Lost
Diagnostic
A
D
14-Bit ADC
_
+
PTAT
Optional
Ext. Diode
for Temp
0 V to 1 V
Ratiometric
Rail-to-Rail
OWI/ZACwire
TM
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+2.7 to +5.5 V
OUT
Optional Bsink
2
1
5
6
7
8
3
4
ZSC31015
Bsink
VBP
ExtTemp
VBN
VSS
Sig
TM
VDD
Vgate
0.1
F
Vsupply
Ground
+5.5 to +30 V
OUT
Optional Bsink
S
D
BSS169
ZSC31015 Block Diagram
Rail-to-Rail Ratiometric Voltage Output Applications
Absolute Analog Voltage Output Applications
Ordering Examples (Please see section 11 of the data sheet for additional temperature range options.)
Sales Code
Description
Package
ZSC31015EEB
ZSC31015 RBicdLite™ Die — Temperature range: -50°C to +150°C
Unsawn on Wafer
ZSC31015EEC
ZSC31015 RBicdLite™ Die — Temperature range: -50°C to +150°C
Sawn on Wafer Frame
ZSC31015EED
ZSC31015 RBicdLite™ Die — Temperature range: -50°C to +150°C
Waffle Pack
ZSC31015EEG1
ZSC31015 RBicdLite™ SOP8 (150 mil) — Temperature range: -50°C to +150°C
Tube: add “-T” to sales code. Reel: add “-R”
ZSC31015KIT
ZSC31015
ZACwire™ SSC Evaluation Kit: Communication Board, SSC Board, Sensor
Replacement Board, Evaluation Software, USB Cable, 5 IC Samples
Kit
Sales and Further Information
www.zmdi.com
SSC@zmdi.com
Zentrum Mikroelektronik
Dresden AG
Grenzstrasse 28
01109 Dresden
Germany
ZMD America, Inc.
1525 McCarthy Blvd., #212
Milpitas, CA 95035-7453
USA
Zentrum Mikroelektronik
Dresden AG, Japan Office
2nd Floor, Shinbashi Tokyu Bldg.
4-21-3, Shinbashi, Minato-ku
Tokyo, 105-0004
Japan
ZMD FAR EAST, Ltd.
3F, No. 51, Sec. 2,
Keelung Road
11052 Taipei
Taiwan
Zentrum Mikroelektronik
Dresden AG, Korea Office
U-space 1 Building
11th Floor, Unit JA-1102
670 Sampyeong-dong
Bundang-gu, Seongnam-si
Gyeonggi-do, 463-400
Korea
Phone +49.351.8822.7.772
Fax
+49.351.8822.8.7772
Phone +855-ASK-ZMDI
(+855.275.9634)
Phone +81.3.6895.7410
Fax
+81.3.6895.7301
Phone +886.2.2377.8189
Fax
+886.2.2377.8199
Phone +82.31.950.7679
Fax
+82.504.841.3026
DISCLAIMER: This information applies to a product under development. Its characteristics and specifications are subject to change without notice. Zentrum Mikroelektronik Dresden AG
(ZMD AG) assumes no obligation regarding future manufacture unless otherwise agreed to in writing. The information furnished hereby is believed to be true and accurate. However, under
no circumstances shall ZMD AG be liable to any customer, licensee, or any other third party for any special, indirect, incidental, or consequential damages of any kind or nature whatsoever
arising out of or in any way related to the furnishing, performance, or use of this technical data. ZMD AG hereby expressly disclaims any liability of ZMD AG to any customer, licensee or any
other third party, and any such customer, licensee and any other third party hereby waives any liability of ZMD AG for any da mages in connection with or arising out of the furnishing,
performance or use of this technical data, whether based on contract, warranty, tort (including negligence), strict liability, or otherwise.


Similar Part No. - ZSC31015EEC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZSC31015EEC IDT-ZSC31015EEC Datasheet
907Kb / 52P
   Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Renesas Technology Corp
ZSC31015EEC RENESAS-ZSC31015EEC Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
More results

Similar Description - ZSC31015EEC

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ZSC31015 RENESAS-ZSC31015 Datasheet
1Mb / 53P
   RBicdLite??Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Integrated Device Techn...
ZSC31015 IDT-ZSC31015 Datasheet
907Kb / 52P
   Analog Output Sensor Signal Conditioner with Diagnostic Features
logo
Renesas Technology Corp
ZSSC3015 RENESAS-ZSSC3015 Datasheet
672Kb / 49P
   RBicdLite-AutoTM Sensor Signal Conditioner with Diagnostics
January 20, 2016
logo
Zentrum Mikroelektronik...
ZMD31015 ZMD-ZMD31015_10 Datasheet
163Kb / 2P
   RBicdLite Low-Cost Sensor Signal Conditioner with Diagnostics
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
ZSSC4151C RENESAS-ZSSC4151C Datasheet
1Mb / 33P
   Automotive Sensor Signal Conditioner with Analog Output
March 25, 2020
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSSC3154 IDT-ZSSC3154 Datasheet
341Kb / 28P
   Automotive Sensor Signal Conditioner with Dual Analog Output
logo
Renesas Technology Corp
ZSSC3154 RENESAS-ZSSC3154 Datasheet
654Kb / 29P
   Automotive Sensor Signal Conditioner with Dual Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com