Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XTEARY-00-0000-000000P02 Datasheet(PDF) 3 Page - Cree, Inc

Part # XTEARY-00-0000-000000P02
Description  XLamp XT-E LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XTEARY-00-0000-000000P02 Datasheet(HTML) 3 Page - Cree, Inc

  XTEARY-00-0000-000000P02 Datasheet HTML 1Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 2Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 3Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 4Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 5Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 6Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 7Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 8Page - Cree, Inc XTEARY-00-0000-000000P02 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
xlamp xT-E lEDs
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
3
Copyright © 2011-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
fluX characteristics - White (t
J = 85 °c)
The following table provides several base order codes for XLamp XT-e White LeDs. It is important to note that the base
order codes listed here are a subset of the total available order codes for the product family. For more order codes, as
well as a complete description of the order-code nomenclature, please consult the XLamp XT-e Binning and Labeling
document.
color
cct range
base order codes
minimum luminous flux
@ 350 ma
calculated minimum
luminous flux (lm)**
@ 85 °c
order code
min.
max.
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
700 ma
1500 ma
Cool White
5000 K
8300 K
R3
122
140
217
376
XTeAWT-00-0000-000000F51
R4
130
149
231
401
XTeAWT-00-0000-000000G51
R5
139
160
247
428
XTEAWT-00-0000-000000H51
Outdoor White
4000 K
6200 K
R3
122
140
217
376
XTeAWT-00-0000-000000Fe3
R4
130
149
231
401
XTeAWT-00-0000-000000Ge3
R5
139
160
247
428
XTEAWT-00-0000-000000HE3
Neutral White
3700 K
5000 K
R2
114
131
203
351
XTeAWT-00-0000-000000eF4
R3
122
140
217
376
XTeAWT-00-0000-000000FF4
R4
130
149
231
401
XTeAWT-00-0000-000000GF4
Warm White
2200 K
3700 K
Q3
93.9
108
167
289
XTeAWT-00-0000-00000LBe7
Q4
100
115
178
308
XTeAWT-00-0000-00000LCe7
Q5
107
123
191
330
XTeAWT-00-0000-00000LDe7
70 CRI
Minimum
Neutral White
2600 K
8300 K
Q4
100
115
178
308
XTeAWT-00-0000-00000BCe7
Q5
107
123
191
330
XTeAWT-00-0000-00000BDF6
R2
114
131
203
351
XTeAWT-00-0000-00000BeF5
R3
122
140
217
376
XTeAWT-00-0000-00000BFC3
R4
130
149
231
401
XTeAWT-00-0000-00000BG53
80 CRI
Minimum White
2200 K
6200 K
Q3
93.9
108
167
289
XTEAWT-00-0000-00000HBE7
Q4
100
115
178
308
XTEAWT-00-0000-00000HCE6
Q5
107
123
191
330
XTEAWT-00-0000-00000HDE5
R2
114
131
203
351
XTEAWT-00-0000-00000HEF4
R3
122
140
217
376
XTEAWT-00-0000-00000HF50
85-CRI
Minimum
Warm White
2600 K
3700 K
P3
73.9
85
132
228
XTeAWT-00-0000-00000P8e7
P4
80.6
93
144
248
XTeAWT-00-0000-00000P9e7
Q2
87.4
100
156
269
XTeAWT-00-0000-00000PAe7
90-CRI
Minimum
Warm White
2600 K
3700 K
P3
73.9
85
132
228
XTeAWT-00-0000-00000U8e7
P4
80.6
93
144
248
XTeAWT-00-0000-00000U9e7
Q2
87.4
100
156
269
XTeAWT-00-0000-00000UAe7
Notes:
Creemaintainsatoleranceof±7%onfluxandpowermeasurements,±0.005onchromaticity(CCx,CCy)measurementsand±2
on CRI measurements.
Typical CRI for Neutral White, 3,700 K - 5,000K CCT is 75.
Typical CRI for Warm White, 2,200 K - 3,700 K CCT is 80.
*
Flux values @ 25 °C are calculated and for reference only.
** Calculatedfluxvaluesat700mAand1500mAareforreferenceonly.


Similar Part No. - XTEARY-00-0000-000000P02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XTEARY-00-0000-000000P02 CREE-XTEARY-00-0000-000000P02 Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
More results

Similar Description - XTEARY-00-0000-000000P02

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
XT-E-HV CREE-XT-E-HV Datasheet
2Mb / 26P
   XLamp XT-E High-Voltage White LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
CLD-DS41 CREE-CLD-DS41_12 Datasheet
1Mb / 14P
   Cree짰 XLamp짰 XT-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
   Cree® XLamp® XP-E LEDs
2008-2018
XBEHVW-H0-0000-00000HFE3 CREE-XBEHVW-H0-0000-00000HFE3 Datasheet
1Mb / 11P
   XLamp XB-E High?멫oltage White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com