Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XREBLU-L1-0000-00J01 Datasheet(PDF) 5 Page - Cree, Inc

Part # XREBLU-L1-0000-00J01
Description  XLamp XR-E LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XREBLU-L1-0000-00J01 Datasheet(HTML) 5 Page - Cree, Inc

  XREBLU-L1-0000-00J01 Datasheet HTML 1Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 2Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 3Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 4Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 5Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 6Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 7Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 8Page - Cree, Inc XREBLU-L1-0000-00J01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Copyright © 2006-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
XLamp XR-E LEds
5
relative sPectral PoWer distribution
Relative Spectral Power
0
20
40
60
80
100
400
450
500
550
600
650
700
750
Wavelength (nm)
5000K - 10000K CCT
3700K - 5000K CCT
2600K - 3700K CCT
0
20
40
60
80
100
400
450
500
550
600
650
Wavelength (nm)
Royal Blue
Blue
Green


Similar Part No. - XREBLU-L1-0000-00J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XREBLU-L1-0000-00J01 CREE-XREBLU-L1-0000-00J01 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
More results

Similar Description - XREBLU-L1-0000-00J01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XR-E CREE-XR-E Datasheet
442Kb / 11P
   XLamp XR-E and XR-C LED Binning and Labeling
XREWHT-L1-0000-00601 CREE-XREWHT-L1-0000-00601 Datasheet
794Kb / 12P
   XLamp짰 XR-E LED
XRCWHT-L1-0000-00501 CREE-XRCWHT-L1-0000-00501 Datasheet
1Mb / 16P
   XLamp XR-C LEDs
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
   XLamp XQ-E LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
CXB1512 CREE-CXB1512 Datasheet
2Mb / 20P
   XLamp LED
CXB2530 CREE-CXB2530 Datasheet
2Mb / 15P
   XLamp LED
CXA3590 CREE-CXA3590 Datasheet
2Mb / 23P
   XLamp LED
CXB1507 CREE-CXB1507 Datasheet
2Mb / 19P
   XLamp LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com