Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPEBRY-L1-0000-00L01 Datasheet(PDF) 1 Page - Cree, Inc

Part # XPEBRY-L1-0000-00L01
Description  XLamp XP-E2 LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XPEBRY-L1-0000-00L01 Datasheet(HTML) 1 Page - Cree, Inc

  XPEBRY-L1-0000-00L01 Datasheet HTML 1Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 2Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 3Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 4Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 5Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 6Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 7Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 8Page - Cree, Inc XPEBRY-L1-0000-00L01 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
Copyright © 2012-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
cree® Xlamp® XP-e2 leds
Product descriPtion
The XLamp® XP-e2 LeD builds on the
unprecedented performance of the
original XP-e by increasing lumen
output up to 20% while providing
a single die LeD point source for
precise optical control. The XP-e2
LeD shares the same footprint
as the original XP-e, providing a
seamless upgrade path to more
lumens and/or greater efficiency
while shortening the design cycle
for existing XP customers.
XLamp XP-e2 LeDs are the ideal
choice for lighting applications
where high light output and
maximum efficacy are required,
such as LED retrofit lamps, outdoor,
portable,
indoor
directional,
emergency vehicle or architectural.
features
• Available in white, outdoor
white, 80-CRI, 85-CRI, 90-CRI
white, royal blue, blue, green,
PC amber, amber, red-orange &
red
• ANSI-compatible chromaticity
bins
• White binned at 85 °C
• Maximum drive current: 1 A
• Low thermal resistance: as low
as 5 °C/W
• Wide viewing angle: 110°-135°
• Unlimited floor life at
≤ 30 °C/85% RH
• Reflow solderable - JEDEC
J-STD-020C compatible
• electrically neutral thermal path
• RoHS-compliant
• UL-recognized component
(e349212)
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
table of contents
Characteristics .......................... 2
Flux Characteristics - White ........ 3
Flux Characteristics - Color ......... 4
Relative Spectral Power
Distribution............................... 6
Relative Flux vs. Junction
Temperature ............................. 7
electrical Characteristics - White.. 8
electrical Characteristics - Color .. 8
Relative Flux vs. Current - White . 9
Relative Flux vs. Current - Color .. 9
Relative Chromaticity vs. Current
and Temperature - Warm White..10
Typical Spatial Distribution.........11
Thermal Design........................12
Reflow Soldering Characteristics .13
Notes......................................14
Mechanical Dimensions..............15
Tape and Reel ..........................16
Packaging................................17


Similar Part No. - XPEBRY-L1-0000-00L01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPEBRY-L1-0000-00L01 CREE-XPEBRY-L1-0000-00L01 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
More results

Similar Description - XPEBRY-L1-0000-00L01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
   Cree XLamp XP-E2 LEDs
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01 Datasheet
1Mb / 18P
   XLamp XP-C LEDs
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XP-L CREE-XP-L Datasheet
2Mb / 35P
   Cree XLamp XP-L LEDs
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
   Cree XLamp XP-G3 LEDs
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
   XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
   XLamp® XP-C LEDs
2008-2021
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
   XLamp® XP-G3 LEDs
REV 9
logo
Cree, Inc
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
   Cree XLamp XP-G2 LEDs
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
   Cree XLamp XP-L2 LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com