Electronic Components Datasheet Search |
|
ZIOL2202 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
ZIOL2202 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 91 page ZIOL2xxx – IC Family IO-Link compliant HV Line Driver IC Family Data Sheet January 31, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 4 of 90 List of Figures Figure 2.1 Max. Total Power Dissipation ................................................................................................................7 Figure 2.2 Efficiency of the DC/DC converter for VOUT=5V, C=10µF and L=10µH ............................................14 Figure 3.1 Functional Block Diagram of the ZIOL2xxx .........................................................................................15 Figure 3.2 ZIOL24xx Transceiver Data Path in Principle......................................................................................16 Figure 3.3 ZIOL22xx Transceiver Data Path in Principle......................................................................................17 Figure 3.4 ZIOL21xx Transceiver Data Path in Principle......................................................................................18 Figure 3.5 ZIOL24xx in Device and Master Mode Application..............................................................................21 Figure 3.6 Typical IO-Link Device Configuration with HS driver only ...................................................................24 Figure 3.7 Wake-Up Signal Recognition...............................................................................................................26 Figure 3.8 The Basic Scheme of the IC Self Protection .......................................................................................28 Figure 3.9 Memory Unit.........................................................................................................................................30 Figure 3.10 General timing of a byte transfer .........................................................................................................32 Figure 3.11 Structure of SPI accesses ...................................................................................................................33 Figure 3.12 SPI Command Structure......................................................................................................................34 Figure 3.13 SPI Timing ...........................................................................................................................................36 Figure 3.14 Interrupt (INT_L pin) and Wake-up (WURQ_L pin) Signaling .............................................................47 Figure 3.15 COM Channel Lock Control.................................................................................................................49 Figure 3.16 AUX Channel Lock Control..................................................................................................................50 Figure 3.17 Over-Temperature Lock Control ..........................................................................................................51 Figure 3.18 Internal IC Sensors and related Overload and Over-Temperature Detection Circuits ........................53 Figure 3.19 Low Voltage Supply Concept...............................................................................................................55 Figure 3.20 PFD Working Principle.........................................................................................................................56 Figure 3.21 DC/DC Converter in Principle ..............................................................................................................58 Figure 3.22 DC/DC Converter Output Voltage as Function of R1 (R2 = 10kOhms) ..............................................60 Figure 3.23 High frequency critical loops of DC/DC converter for PCB layout.......................................................61 Figure 3.24 PCB layout of Evaluation board as an example ..................................................................................62 Figure 4.1 Simplified Application Circuit with the ZIOL2xxx in Device Mode .......................................................63 Figure 4.2 Simplified Application Circuit with the ZIOL2xxx in Master Mode .......................................................64 Figure 4.3 Power Line Fail Detection....................................................................................................................65 Figure 4.4 PCB Layout Recommendations...........................................................................................................66 Figure 6.1 Pin Diagram of the ZIOL2xxx...............................................................................................................71 Figure 6.2 Package Dimensions ...........................................................................................................................72 Figure 6.3 Top Marking of the ZIOL2xxx ..............................................................................................................73 Figure 9.1 Register Representation in Principle (Example)..................................................................................77 Figure 10.1 Peak Register Access Scenarios.........................................................................................................81 Figure 10.2 Overload Counter Behavior in permanent Over-Current Situations ....................................................82 Figure 10.3 Overload Counter Behavior in permanent Over-Temperature Situations ...........................................83 Figure 10.4 Overload Counter Behavior in typical Over-Temperature Situations ..................................................84 Figure 10.5 Partial Reset of Overload Counter or the entire Lock circuit ...............................................................85 |
Similar Part No. - ZIOL2202 |
|
Similar Description - ZIOL2202 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |