Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZLED7000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ZLED7000
Description  40V LED Driver with Internal Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZLED7000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ZLED7000 Datasheet HTML 6Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 7Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 8Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 9Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 10Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 11Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 12Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 13Page - List of Unclassifed Manufacturers ZLED7000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ZLED7000
40V LED Driver with Internal Switch
Data Sheet
August 12, 2010
© 2010 Zentrum Mikroelektronik Dresden AG — Rev. 1.1
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the
prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
10 of 19
2
Circuit Description
The ZLED7000 is an inductive step-down converter for driving LEDs. It operates in continuous mode, enabling proper LED
current control. The ZLED7000 supports linear or PWM control of the LED current. Only a few external components are
needed for typical applications.
2.1
Voltage Supply
The ZLED7000 has an internal regulator that disables the LX output until the voltage supply rises above a
start-up threshold voltage set internally as needed to ensure that the power MOSFET on-resistance is low
enough for proper operation. When the supply voltage exceeds the threshold, the ZLED7000 begins normal
operation.
Important: The ZLED7000 must be operated within the operating voltage range specified in Table 1.2 to avoid
conditions that could result in thermal damage to the ZLED7000. Operating with the supply voltage below the
minimum can result in a high switch duty cycle and excessive ZLED7000 power dissipation, risking over-
temperature conditions (also see section 4.1 regarding thermal restrictions) that could result in activation of
the ZLED7000’s thermal shut-down circuitry. With multiple LEDs, the forward drop is typically adequate to
prevent the chip from switching below the minimum voltage supply specification (6V), so there is less risk of
thermal shut-down.
2.2
ZLED7000 Standby Mode
Whenever the ADJ pin voltage falls below 0.2V, the ZLED7000 turns the output off and the supply current
drops to approximately 60μA. This standby mode minimizes current consumption.
2.3
Output Current Control
The LED control current output on the LX pin is determined by the value of external components and the
control voltage input at the ADJ pin. Selection of the external component RS is discussed below, and other
external components are discussed in section 2.3.4. The subsequent sections describe the two options for
control voltage input at the ADJ pin: a pulse width modulation (PWM) control signal or a DC control voltage.
The ADJ pin has an input impedance
† of 500kΩ ±25%.
2.3.1
Output Current and RS
The current sense threshold voltage and the value of the external current sense resistor (RS) between VIN and
ISENSE set the output current through the LEDs (IOUT). Equation (1) below shows this basic relationship. Unless
the ADJ pin is driven from an external voltage (see section 2.3.3), the minimum value for RS is 0.13 Ω to
prevent exceeding the maximum switch current (see Table 1.1).
S
OUT
R
mV
95
I
(1)
Where
IOUT = Nominal average output current through the LED(s)
RS ≥0.13Ω
At room temperature.


Similar Part No. - ZLED7000

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Device Techn...
ZLED7000KIT-D1 IDT-ZLED7000KIT-D1 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Renesas Technology Corp
ZLED7000KIT-D1 RENESAS-ZLED7000KIT-D1 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Device Techn...
ZLED7000ZI1R IDT-ZLED7000ZI1R Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
More results

Similar Description - ZLED7000

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3350 ISSI-IS31LT3350 Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Unisonic Technologies
L4075 UTC-L4075_18 Datasheet
188Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Integrated Device Techn...
ZLED7000 IDT-ZLED7000 Datasheet
564Kb / 18P
   40V LED Driver with Internal Switch
logo
Unisonic Technologies
L4075 UTC-L4075 Datasheet
174Kb / 5P
   40V LED DRIVER WITH INTERNAL SWITCH
logo
Renesas Technology Corp
ZLED7000 RENESAS-ZLED7000 Datasheet
739Kb / 19P
   40V LED Driver with Internal Switch
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3360-SDLS3-TR ISSI-IS31LT3360-SDLS3-TR Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360 ISSI-IS31LT3360 Datasheet
381Kb / 11P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3 ISSI-IS31LT3360-SDLS3 Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
IS31LT3360-SDLS3-EBAIC ISSI-IS31LT3360-SDLS3-EBAIC Datasheet
438Kb / 15P
   40V/1.2A LED DRIVER WITH INTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com