Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZADCS146VIS20T Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ZADCS146VIS20T
Description  12-Bit, 200ksps, ADC Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS146VIS20T Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ZADCS146VIS20T Datasheet HTML 2Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 3Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 4Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 5Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 6Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 7Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 8Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 9Page - List of Unclassifed Manufacturers ZADCS146VIS20T Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
6 of 25
List of Tables
Table 1: Absolute Maximum Ratings..........................................................................................................................7
Table 2: Pin list ZADCS146 / ZADCS147...................................................................................................................8
Table 3: Channel selection in Single Ended Mode...................................................................................................14
Table 4: Channel selection in Differential Mode.......................................................................................................14
Table 5: Control Byte Format ...................................................................................................................................18
Table 6: Timing Characterisitics (VDD = +2.7V to + 5.25V; 
= 
… 
)
OP
OPmin
OPmax ...............................................20
Table 7: Package Dimensions for ZADC146/ZADCS147 devices (mm)..................................................................24


Similar Part No. - ZADCS146VIS20T

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
More results

Similar Description - ZADCS146VIS20T

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZADCS1282 ZMD-ZADCS1282 Datasheet
578Kb / 21P
   12-Bit, 200ksps, Serial Output ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Zentrum Mikroelektronik...
ZADCS146 ZMD-ZADCS146 Datasheet
557Kb / 19P
   12-Bit, 200ksps, 8-Channel, Serial Output ADC
logo
Linear Technology
LTC1401 LINER-LTC1401 Datasheet
352Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC1401 LINER-LTC1401_15 Datasheet
253Kb / 20P
   Complete SO-8, 12-Bit, 200ksps ADC with Shutdown
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
Maxim Integrated Produc...
MAX11100 MAXIM-MAX11100 Datasheet
3Mb / 19P
   16-Bit, 5V, 200ksps ADC with 10μA Shutdown
Rev 1; 1/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com