Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XQEAWT-00-0000-00000HBE7 Datasheet(PDF) 3 Page - Cree, Inc

Part # XQEAWT-00-0000-00000HBE7
Description  XLamp XQ-E LEDs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

XQEAWT-00-0000-00000HBE7 Datasheet(HTML) 3 Page - Cree, Inc

  XQEAWT-00-0000-00000HBE7 Datasheet HTML 1Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 2Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 3Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 4Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 5Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 6Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 7Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 8Page - Cree, Inc XQEAWT-00-0000-00000HBE7 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Copyright © 2013-2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
xlamp® xQ-e leds
fluX characteristics - White (t
J = 85 °c)
The following table provides several base order codes for XLamp XQ-e white LeDs. It is important to note that the base
order codes listed here are a subset of the total available order codes for the product family. For more order codes, as
well as a complete description of the order-code nomenclature, please consult the XLamp XQ Family LEDs Binning and
Labeling document.
color
cct range
base order codes
min. luminous flux (lm)
@ 350 ma
calculated minimum
luminous flux (lm)**
@ 85 °c
order code
min.
max.
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
700 ma
1.0 a
Cool White
5000 K
8300 K
R2
114
132
196
252
XQeAWT-00-0000-00000Lee1
Q5
107
124
184
237
XQeAWT-00-0000-00000LDe1
70-CRI
White
3700 K
8300 K
R2
114
132
196
252
XQEawT-00-0000-00000BEE1
Q5
107
124
184
237
XQEawT-00-0000-00000BDE1
Neutral
White
3700 K
5300 K
R2
114
132
196
252
XQeAWT-00-0000-00000Lee4
Q5
107
124
186
236
XQeAWT-00-0000-00000LDe4
Q4
100
116
172
221
XQeAWT-00-0000-00000LCe4
80-CRI
White
2700 K
3500 K
Q4
100
116
172
221
XQEawT-00-0000-00000HCE7
Q3
93.9
111
162
208
XQEawT-00-0000-00000HBE7
Q2
87.4
101
150
193
XQEawT-00-0000-00000HaE7
Warm
White
2700 K
3500 K
Q4
100
116
172
221
XQeAWT-00-0000-00000LCe7
Q3
93.9
111
162
208
XQEawT-00-0000-00000LBE7
Q2
87.4
101
150
193
XQeAWT-00-0000-00000LAe7
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and ±2 on CRI measurements.
Typical CRI for Cool White (5000 K – 8300 K CCT) is 70.
Typical CRI for Neutral White (3700 K – 5300 K CCT) is 75.
Typical CRI for Warm White (2700 K – 3500 K CCT) is 80.
Minimum CRI for 70-CRI White is 70.
Minimum CRI for 80-CRI White is 80.
*
Flux values @ 25 °C are calculated and for reference only.
** Calculated flux values at 700 ma and 1 a are for reference only.


Similar Part No. - XQEAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQEAWT-00-0000-00000HBE7 CREE-XQEAWT-00-0000-00000HBE7 Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQEAWT-00-0000-00000HBE7 CREELED-XQEAWT-00-0000-00000HBE7 Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
More results

Similar Description - XQEAWT-00-0000-00000HBE7

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XQ-E CREE-XQ-E Datasheet
2Mb / 31P
   Cree XLamp XQ-E LEDs
logo
Cree LED
XQ-E CREELED-XQ-E Datasheet
2Mb / 56P
   XLamp® XQ-E LEDs
REV 12C
logo
Cree, Inc
XQ-A CREE-XQ-A Datasheet
1Mb / 19P
   Cree XLamp XQ-A LEDs
XTEAWT-00-0000-000000F51 CREE-XTEAWT-00-0000-000000F51 Datasheet
1Mb / 17P
   XLamp XT-E LEDs
XQ-B CREE-XQ-B Datasheet
1Mb / 11P
   XLamp XQ-B LED
XQ-D CREE-XQ-D Datasheet
1Mb / 12P
   XLamp XQ-D LED
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01 Datasheet
1Mb / 18P
   XLamp XP-E LEDs
XT-E CREE-XT-E Datasheet
2Mb / 45P
   Cree XLamp XT-E LEDs
logo
Cree LED
MLEAWT-A1-0000-0005DT CREELED-MLEAWT-A1-0000-0005DT Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
logo
Cree, Inc
XQBAWT-00-0000-000000051 CREE-XQBAWT-00-0000-000000051 Datasheet
954Kb / 10P
   Cree XLamp XQ-B LED
2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com