Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLEAWT-A1-0000-0003E5 Datasheet(PDF) 6 Page - Cree, Inc

Part # MLEAWT-A1-0000-0003E5
Description  Available in white (2600 K to 8300 K CCT), 80-, 85- and 90?멌RI minimum
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

MLEAWT-A1-0000-0003E5 Datasheet(HTML) 6 Page - Cree, Inc

Back Button MLEAWT-A1-0000-0003E5 Datasheet HTML 2Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 3Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 4Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 5Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 6Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 7Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 8Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 9Page - Cree, Inc MLEAWT-A1-0000-0003E5 Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Copyright © 2010-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
6
XLamp mL-E LEDs
fluX characteristics - series color (t
J = 25 °c)
The following table provides several base order codes for XLamp mL-e color LeDs. It is important to note that the base
order codes listed here are a subset of the total available order codes for the product family. For more order codes,
as well as a complete description of the order-code nomenclature, please consult the XLamp ML Family Binning and
Labeling document.
color
dominant Wavelength range
base order
codes minimum
luminous flux
(lm) @ 50 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux
(lm)
Blue
B3
465
B6
485
G0
13.9
MLESBL-A1-0000-000U01
F0
10.7
MLESBL-A1-0000-000T01
color
dominant Wavelength range
base order
codes minimum
luminous flux
(lm) @ 50 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux
(lm)
Green
G2
520
G4
535
K3
35.2
mLeSGN-A1-0000-000101
K2
30.6
mLeSGN-A1-0000-000001
J3
26.8
mLeSGN-A1-0000-000X01
color
dominant Wavelength range
base order
codes minimum
luminous flux
(lm) @ 37.5 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux
(lm)
Amber
A2
585
A3
595
J3
26.8
mLeSAm-A1-0000-000X01
J2
23.5
mLeSAm-A1-0000-000w01
color
dominant Wavelength range
base order
codes minimum
luminous flux
(lm) @ 37.5 ma
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux
(lm)
Red
R2
620
R3
630
J2
23.5
mLeSRD-A1-0000-000w01
H0
18.1
mLeSRD-A1-0000-000v01
Note:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements, ±2 on CRI measurements
and ± 1 nm on dominant wavelength measurements.


Similar Part No. - MLEAWT-A1-0000-0003E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLEAWT-A1-0000-0003E5 CREE-MLEAWT-A1-0000-0003E5 Datasheet
993Kb / 10P
   Cree짰 XLamp짰 ML-E LEDs
MLEAWT-A1-0000-0003E5 CREE-MLEAWT-A1-0000-0003E5 Datasheet
1Mb / 10P
   Cree짰 XLamp짰 ML-E LEDs
logo
Cree LED
MLEAWT-A1-0000-0003E5 CREELED-MLEAWT-A1-0000-0003E5 Datasheet
1Mb / 47P
   XLamp® ML-E LEDs
2023
More results

Similar Description - MLEAWT-A1-0000-0003E5

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MLCAWT-A1-0000-000051 CREE-MLCAWT-A1-0000-000051 Datasheet
1Mb / 20P
   Available in white (2600 K to 8300 K CCT), 80-, 85- and 90- CRI minimum and royal blue
XP-G CREE-XP-G Datasheet
2Mb / 28P
   Available in white, outdoor white and 80-CRI, 85-CRI and 90-CRI white
XPG3 CREE-XPG3 Datasheet
2Mb / 33P
   Available in outdoor white and 70-, 80- and 90-CRI white
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
logo
METZ CONNECT GmbH
130B23-E METZ-130B23-E Datasheet
1Mb / 9P
   C6Amodul K 90° jack - keystone style
2023/02/15 Version: AO
logo
Cypress Semiconductor
CYDC128B16 CYPRESS-CYDC128B16_11 Datasheet
689Kb / 29P
   1.8 V 4 K/8 K/16 K 횞 16 and 8 K/16 K 횞 8 ConsuMoBL Dual-Port Static RAM
logo
NXP Semiconductors
PEMD48_PUMD48 PHILIPS-PEMD48_PUMD48_15 Datasheet
969Kb / 16P
   NPN/PNP resistor-equipped transistors R1 = 47 k?? R2 = 47 k??and R1 = 2.2 k?? R2 = 47 k?
Rev. 6-24 January 2012
logo
Nexperia B.V. All right...
PEMD48 NEXPERIA-PEMD48_V01 Datasheet
1Mb / 17P
   NPN/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k and R1 = 2.2 k, R2 = 47 k
Rev. 6 - 24 January 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com