Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASI4UE-E-G1-SR Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # ASI4UE-E-G1-SR
Description  3.0 Compliant Universal AS-I IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ASI4UE-E-G1-SR Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button ASI4UE-E-G1-SR Datasheet HTML 3Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 4Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 5Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 6Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 7Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 8Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 9Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 10Page - List of Unclassifed Manufacturers ASI4UE-E-G1-SR Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ASI4U / ASI4U-E / ASI4U-F
Spec. 3.0 Compliant Universal AS-I IC
Data Sheet
April 2, 2012
© 2012 Zentrum Mikroelektronik Dresden AG — Rev. 2.2
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is subject to changes without notice.
7 of 63
List of Figures
Figure 1: Ptot = f(
a)................................................................................................................................................ 6
Figure 2: ASI4U Package Pin Assignment.............................................................................................................. 6
Figure 3 Functional Block Diagram ......................................................................................................................... 6
Figure 7: Receiver comparator threshold set-up in principle ................................................................................... 6
Figure 8: Addressing Channel Input (IRD), Photo-current Waveforms.................................................................... 6
Figure 9: Timing Diagram Parameter Port P0 ... P3, PST ....................................................................................... 6
Figure 10: Timing diagram data port DO0 ... DO3, DI0 … DI3, DSR....................................................................... 6
Figure 12: Principle of input filtering........................................................................................................................ 6
Figure 13: Principle of AS-i cycle input filtering (exemplary for Slave with Address 1) ............................................ 6
Figure 14: Flowchart - Input D3 (D2,D1) in Safety Mode ........................................................................................ 6
Figure 15: Flowchart - Input D0 in Safety Mode...................................................................................................... 6
Figure 16: Flowchart - Data_Exchange_Disable ..................................................................................................... 6
Figure 17: Power-On Behavior (all modes) ............................................................................................................. 6
Figure 18: Timing diagram external Reset via DSR ................................................................................................ 6
Figure 19: Manchester-II-Modulation principle ........................................................................................................ 6
Figure 20: Standard Application circuit with bi-directional Data I/O......................................................................... 6
Figure 21: Extended power application circuit......................................................................................................... 6
Figure 22: ASI4U Master Mode Application ............................................................................................................ 6
Figure 23: SOP Package ........................................................................................................................................ 6
Figure 24: Package Dimensions ............................................................................................................................. 6
Figure 25: SSOP Package...................................................................................................................................... 6
Figure 26: Package Outline Dimensions ................................................................................................................. 6
Figure 27: Package Marking ................................................................................................................................... 6


Similar Part No. - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ASI4UE-E-G1-SR IDT-ASI4UE-E-G1-SR Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
More results

Similar Description - ASI4UE-E-G1-SR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SAP5 IDT-SAP5 Datasheet
874Kb / 66P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
ASI4U IDT-ASI4U Datasheet
1Mb / 70P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
logo
Zentrum Mikroelektronik...
SAP5S ZMD-SAP5S Datasheet
87Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
SAP51 ZMD-SAP51 Datasheet
140Kb / 2P
   Spec. 3.0 Compatible universal as-i IC
logo
Renesas Technology Corp
ASI4U RENESAS-ASI4U Datasheet
1Mb / 71P
   AS-Interface Spec. V3.0 Compliant Universal AS-i IC
January 26, 2016
logo
PHOENIX CONTACT
2773607 PHOENIX-2773607 Datasheet
67Kb / 4P
   AS-Interface (AS-i)-Gateway for PROFIBUS DP with extended function, double master, IP20 degree of protection, as per AS-i specification 3.0
logo
List of Unclassifed Man...
OCM14102-U2-D ETC2-OCM14102-U2-D Datasheet
1Mb / 4P
   PCIe 3.0 compliant
logo
Festo Corporation.
549045 FESTO-549045 Datasheet
100Kb / 2P
   AS-i module
8/10/22
549044 FESTO-549044 Datasheet
97Kb / 2P
   AS-i module
8/10/22
542125 FESTO-542125 Datasheet
80Kb / 1P
   AS-i module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com