Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5815AAUD+T Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX5815AAUD+T
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5815AAUD+T Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX5815AAUD+T Datasheet HTML 3Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 4Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 5Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 6Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 7Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 8Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 9Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 10Page - Maxim Integrated Products MAX5815AAUD+T Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MAX5813/MAX5814/MAX5815
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
7
Maxim Integrated
Note 3: Electrical specifications are production tested at TA = +25°C. Specifications over the entire operating temperature range
are guaranteed by design and characterization. Typical specifications are at TA = +25°C and are not guaranteed.
Note 4: DC Performance is tested without load.
Note 5: Linearity is tested with unloaded outputs to within 20mV of GND and VDD.
Note 6: Offset and gain errors are calculated from measurements made with VREF = VDD at code 30 and 4065 for MAX5815,
code 8 and 1016 for MAX5814, and code 2 and 254 for MAX5813.
Note 7: Subject to zero and full-scale error limits and VREF settings.
Note 8: Measured with all other DAC outputs at midscale with one channel transitioning 0 to full scale.
Note 9: On power-up, the device initiates an internal 200µs (typ) calibration sequence. All commands issued during this time will
be ignored.
Note 10: Guaranteed by design.
Note 11: All channels active at VFS, unloaded. Static logic inputs with VIL = VGND and VIH = VDDIO.
Note 12: An unconnected condition on the ADDR_ pins is sensed via a resistive pullup and pulldown operation; for proper
operation, ADDR_ pins should be tied to VDDIO, GND, or left unconnected with minimal capacitance.
Typical Operating Characteristics
(MAX5815, 12-bit performance, TA = +25°C, unless otherwise noted.)
Figure 1. I2C Serial Interface Timing Diagram
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
INL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 3V
NO LOAD
INL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 5V
NO LOAD
DNL vs. CODE
CODE (LSB)
3584
3072
2048 2560
1024 1536
512
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
0
4096
VDD = VREF = 3V
NO LOAD
tSU;STO
tr
tSP
tHD;STA
tSU;STA
tf
tHIGH
tHD;DAT
tLOW
tCLPW
tCLRSTA
tLDH
tLDPW
tHD;STA
tf
S
S
Sr
P
SDA
SCL
CLR
LDAC
tSU;DAT
tr
tBUF


Similar Part No. - MAX5815AAUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5815AAUD+T MAXIM-MAX5815AAUD+T Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
More results

Similar Description - MAX5815AAUD+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com