Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5813 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5813
Description  Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5813 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5813_13 Datasheet HTML 1Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 2Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 3Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 4Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 5Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 6Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 7Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 8Page - Maxim Integrated Products MAX5813_13 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
MAX5813/MAX5814/MAX5815
Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered
Output DACs with Internal Reference and I2C Interface
4
Maxim Integrated
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 2.7V to 5.5V, VDDIO = 1.8V to 5.5V, VGND = 0V, CL = 200pF, RL = 2kI, TA = -40NC to +125NC, unless otherwise noted. Typical
values are at TA = +25NC.) (Note 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAx
UNITS
Output Voltage-Noise Density
(DAC Output at Midscale)
External reference
f = 1kHz
90
nV/
√Hz
f = 10kHz
82
2.048V internal
reference
f = 1kHz
112
f = 10kHz
102
2.5V internal
reference
f = 1kHz
125
f = 10kHz
110
4.096V internal
reference
f = 1kHz
160
f = 10kHz
145
Integrated Output Noise
(DAC Output at Midscale)
External reference
f = 0.1Hz to 10Hz
12
F
VP-P
f = 0.1Hz to 10kHz
76
f = 0.1Hz to 300kHz
385
2.048V internal
reference
f = 0.1Hz to 10Hz
14
f = 0.1Hz to 10kHz
91
f = 0.1Hz to 300kHz
450
2.5V internal
reference
f = 0.1Hz to 10Hz
15
f = 0.1Hz to 10kHz
99
f = 0.1Hz to 300kHz
470
4.096V internal
reference
f = 0.1Hz to 10Hz
16
f = 0.1Hz to 10kHz
124
f = 0.1Hz to 300kHz
490
Output Voltage-Noise Density
(DAC Output at Full Scale)
External reference
f = 1kHz
114
nV/
√Hz
f = 10kHz
99
2.048V internal
reference
f = 1kHz
175
f = 10kHz
153
2.5V internal
reference
f = 1kHz
200
f = 10kHz
174
4.096V internal
reference
f = 1kHz
295
f = 10kHz
255
Integrated Output Noise
(DAC Output at Full Scale)
External reference
f = 0.1Hz to 10Hz
13
F
VP-P
f = 0.1Hz to 10kHz
94
f = 0.1Hz to 300kHz
540
2.048V internal
reference
f = 0.1Hz to 10Hz
19
f = 0.1Hz to 10kHz
143
f = 0.1Hz to 300kHz
685
2.5V internal
reference
f = 0.1Hz to 10Hz
21
f = 0.1Hz to 10kHz
159
f = 0.1Hz to 300kHz
705
4.096V internal
reference
f = 0.1Hz to 10Hz
26
f = 0.1Hz to 10kHz
213
f = 0.1Hz to 300kHz
750


Similar Part No. - MAX5813_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5813AUD+T MAXIM-MAX5813AUD+T Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
More results

Similar Description - MAX5813_13

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5713 MAXIM-MAX5713 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 7/12
MAX5813 MAXIM-MAX5813 Datasheet
4Mb / 30P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 2/12
MAX5713 MAXIM-MAX5713_V01 Datasheet
4Mb / 27P
   Ultra-Small, Quad-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
2013
MAX5580 MAXIM-MAX5580_07 Datasheet
1,001Kb / 36P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 3; 7/07
MAX5700 MAXIM-MAX5700 Datasheet
2Mb / 26P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
19-6455; Rev 2; 8/13
MAX5800 MAXIM-MAX5800 Datasheet
4Mb / 31P
   Ultra-Small, Dual-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 0; 9/12
MAX5823 MAXIM-MAX5823 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and I2C Interface
Rev 2; 2/13
MAX5823 MAXIM-MAX5823_13 Datasheet
4Mb / 35P
   Ultra-Small, Octal Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and IC Interface
Rev 2; 2/13
MAX5580 MAXIM-MAX5580 Datasheet
1Mb / 34P
   Buffered, Fast-Settling, Quad, 12-/10-/8-Bit, Voltage-Output DACs
Rev 1; 5/04
MAX5723 MAXIM-MAX5723 Datasheet
4Mb / 35P
   Ultra-Small, Octal-Channel, 8-/10-/12-Bit Buffered Output DACs with Internal Reference and SPI Interface
Rev 0; 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com