Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4093 Datasheet(PDF) 2 Page - NEC

Part # 2SC4093
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4093 Datasheet(HTML) 2 Page - NEC

  2SC4093 Datasheet HTML 1Page - NEC 2SC4093 Datasheet HTML 2Page - NEC 2SC4093 Datasheet HTML 3Page - NEC 2SC4093 Datasheet HTML 4Page - NEC 2SC4093 Datasheet HTML 5Page - NEC 2SC4093 Datasheet HTML 6Page - NEC 2SC4093 Datasheet HTML 7Page - NEC 2SC4093 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC4093
ELECTRICAL CHARACTERISTICS (TA = 25
C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
1.0
AVCB = 10 V, IE = 0
Emitter Cutoff Current
IEBO
1.0
AVEB = 10 V, IC = 0
DC Current Gain
hFE
50
120
250
VCE = 10 V, IC = 20 mA
Gain Bandwidth Product
fT
7.0
GHz
VCE = 10 V, IC = 20 mA
Feed-Back Capacitance
Cre
0.6
0.95
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
Insertion Power Gain
S21e2
11
13
dB
VCE = 10 V, IC = 20 mA, f = 1.0 GHz
Noise Figure
NF
1.1
2.0
dB
VCE = 10 V, IC = 7 mA, f = 1.0 GHz
Classification of hFE
Rank
R26/RBF *
R27/RBG *
R28/RBH *
Marking
R26
R27
R28
Range
50 to 100
80 to 160
125 to 250
* Old Specification / New Specification
hEF Test Condtitions: VCE = 10 V, IC = 20 mA


Similar Part No. - 2SC4093

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
logo
California Eastern Labs
2SC4093 CEL-2SC4093 Datasheet
571Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Renesas Technology Corp
2SC4093 RENESAS-2SC4093_15 Datasheet
175Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 4-PIN MINIMOLD
More results

Similar Description - 2SC4093

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
NEC
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
2SC4225 NEC-2SC4225 Datasheet
41Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com