Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-SL62.5M-19B Datasheet(PDF) 5 Page - Oscilent Corporation

Part # 813-SL62.5M-19B
Description  62.5MHz IF SAW Filter 19.65MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

813-SL62.5M-19B Datasheet(HTML) 5 Page - Oscilent Corporation

  813-SL62.5M-19B Datasheet HTML 1Page - Oscilent Corporation 813-SL62.5M-19B Datasheet HTML 2Page - Oscilent Corporation 813-SL62.5M-19B Datasheet HTML 3Page - Oscilent Corporation 813-SL62.5M-19B Datasheet HTML 4Page - Oscilent Corporation 813-SL62.5M-19B Datasheet HTML 5Page - Oscilent Corporation 813-SL62.5M-19B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Oscilent Part Number
813-SL62.5M-19B
January 2011 Rev A
62.5MHz IF SAW Filter 19.65MHz Bandwidth
Product Specification
P. 4
www.oscilent.com
Ripple Variation Fo±9.0MHz
Group Delay Variation Fo±9.0MHz
Smith Chart


Similar Part No. - 813-SL62.5M-19B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL62.5M-19A OSCILENT-813-SL62.5M-19A Datasheet
206Kb / 6P
   62.5MHz IF SAW Filter 19.7MHz Bandwidth
813-SL62.5M-19E OSCILENT-813-SL62.5M-19E Datasheet
216Kb / 6P
   62.5MHz IF SAW Filter 19.18MHz Bandwidth
More results

Similar Description - 813-SL62.5M-19B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL62.5M-16B OSCILENT-813-SL62.5M-16B Datasheet
212Kb / 6P
   62.5MHz IF SAW Filter 16.20MHz Bandwidth
813-SL62.5M-06A OSCILENT-813-SL62.5M-06A Datasheet
220Kb / 6P
   62.5MHz IF SAW Filter 6.47MHz Bandwidth
813-SL62.5M-19E OSCILENT-813-SL62.5M-19E Datasheet
216Kb / 6P
   62.5MHz IF SAW Filter 19.18MHz Bandwidth
835-IF62.5M-19A OSCILENT-835-IF62.5M-19A Datasheet
181Kb / 6P
   62.5MHz IF SAW Filter 18.95MHz Bandwidth
813-SL62.5M-19A OSCILENT-813-SL62.5M-19A Datasheet
206Kb / 6P
   62.5MHz IF SAW Filter 19.7MHz Bandwidth
813-SL62.5M-10 OSCILENT-813-SL62.5M-10_14 Datasheet
120Kb / 4P
   62.5MHz IF SAW Filter 9.85MHz Bandwidth
813-SL62.5M-05A OSCILENT-813-SL62.5M-05A Datasheet
940Kb / 6P
   62.5MHz IF SAW Filter 5.23MHz Bandwidth
820-IF62.5M-19C OSCILENT-820-IF62.5M-19C Datasheet
242Kb / 6P
   62.5MHz IF SAW Filter 20.25Hz Bandwidth
813-IF62.5M-14C OSCILENT-813-IF62.5M-14C Datasheet
215Kb / 6P
   62.5MHz IF SAW Filter 14.60 MHz Bandwidth
813-SL62.5M-20F OSCILENT-813-SL62.5M-20F Datasheet
214Kb / 6P
   62.5MHz IF SAW Filter 20.6 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com