Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

809-SL109.7M-05A Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 809-SL109.7M-05A
Description  809-SL109.7M-05A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

809-SL109.7M-05A Datasheet(HTML) 4 Page - Oscilent Corporation

  809-SL109.7M-05A Datasheet HTML 1Page - Oscilent Corporation 809-SL109.7M-05A Datasheet HTML 2Page - Oscilent Corporation 809-SL109.7M-05A Datasheet HTML 3Page - Oscilent Corporation 809-SL109.7M-05A Datasheet HTML 4Page - Oscilent Corporation 809-SL109.7M-05A Datasheet HTML 5Page - Oscilent Corporation 809-SL109.7M-05A Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
809-SL109.7M-05A
January 2011 Rev A
109.70 MHz IF SAW Filter 6.10 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –40.0 dB
WIDE


Similar Part No. - 809-SL109.7M-05A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
More results

Similar Description - 809-SL109.7M-05A

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
SRL-05A MPD-SRL-05A Datasheet
564Kb / 4P
   SRL-05A-XX SERIES
logo
Rohm
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
logo
Microchip Technology
ATMEGA808 MICROCHIP-ATMEGA808 Datasheet
4Mb / 552P
   ATmega808/809/1608/1609 Data Sheet
2021
logo
WALSIN TECHNOLOGY CORPO...
SR20X WALSIN-SR20X Datasheet
485Kb / 8P
   Sulfuration resistant ASTM B-809-95 compliant
logo
Glenair, Inc.
809-191 GLENAIR-809-191 Datasheet
252Kb / 1P
   Series 811 Mighty Mouse High Density (HD) Rubber Protective Covers 809-190 and 809-191
logo
PHOENIX CONTACT
2702032 PHOENIX-2702032 Datasheet
66Kb / 3P
   I/O extension module - NLC-IOX-04I-02QRD-05A
11/05/2018
logo
Glenair, Inc.
809-190 GLENAIR-809-190 Datasheet
293Kb / 2P
   Series 811 Mighty Mouse High Density (HD) Rubber Protective Cover Dimensions and Attachments 809-190 and 809-191
logo
WALSIN TECHNOLOGY CORPO...
MR12 WALSIN-MR12 Datasheet
542Kb / 9P
   Sulfuration resistant ASTM B-809 60C 500 hrs
logo
Kemet Corporation
PEH532 KEMET-PEH532 Datasheet
862Kb / 7P
   IEC 60384-4 Long Life Grade 40/105/56, in accordance with CECC 30 301-809
PEH506 KEMET-PEH506 Datasheet
603Kb / 5P
   IEC 60384-4 Long Life Grade 40/85/56, in accordance with CECC 30 301-809
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com