Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXDD509SIATR Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDD509SIATR
Description  9 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDD509SIATR Datasheet(HTML) 3 Page - IXYS Corporation

  IXDD509SIATR Datasheet HTML 1Page - IXYS Corporation IXDD509SIATR Datasheet HTML 2Page - IXYS Corporation IXDD509SIATR Datasheet HTML 3Page - IXYS Corporation IXDD509SIATR Datasheet HTML 4Page - IXYS Corporation IXDD509SIATR Datasheet HTML 5Page - IXYS Corporation IXDD509SIATR Datasheet HTML 6Page - IXYS Corporation IXDD509SIATR Datasheet HTML 7Page - IXYS Corporation IXDD509SIATR Datasheet HTML 8Page - IXYS Corporation IXDD509SIATR Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
IXDD509 / IXDE509
IXYS reserves the right to change limits, test conditions, and dimensions.
Unless otherwise noted, 4.5V
≤ V
CC ≤ 30V .
All voltage measurements with respect to GND. IXD_509 configured as described in Test Conditions.
Electrical Characteristics @ T
A = 25
o C (3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH, VENH
High input & EN voltage
4.5V
≤ V
CC ≤ 18V
2.4
V
VIL, VENL
Low input & EN voltage
4.5V
≤ V
CC ≤ 18V
0.8
V
VIN
Input voltage range
-5
VCC + 0.3
V
VEN
Enable voltage range
-.3
VCC + 0.3
V
IIN
Input current
0V
≤ V
IN ≤ VCC
-10
10
µA
VOH
High output voltage
VCC - 0.025
V
VOL
Low output voltage
0.025
V
ROH
High state output
resistance
VCC = 18V
0.6
1
ROL
Low state output
resistance
VCC = 18V
0.4
0.8
IPEAK
Peak output current
VCC = 15V
9
A
IDC
Continuous output current
Limited by package power
dissipation
2
A
tR
Rise time
CLOAD =10,000pF VCC =18V
25
45
ns
tF
Fall time
CLOAD =10,000pF VCC =18V
23
40
ns
tONDLY
On-time propagation
delay
CLOAD =10,000pF VCC =18V
18
35
ns
tOFFDLY
Off-time propagation
delay
CLOAD =10,000pF VCC =18V
19
30
ns
tENOH
Enable to output high
delay time
VCC =18V
25
50
ns
tDOLD
Disable to output high
impedance delay time
VCC =18V
60
80
ns
VCC
Power supply voltage
4.5
18
30
V
ICC
Power supply current
VCC = 18V, VIN = 0V
VIN = 3.5V
VIN = VCC
1
75
3
75
µA
mA
mA
Absolute Maximum Ratings (1)
Operating Ratings (2)
Parameter
Value
Supply Voltage
35 V
All Other Pins (unless specified
-0.3 V to V
CC + 0.3V
otherwise)
Junction Temperature
150
°C
Storage Temperature
-65
°C to 150 °C
Lead Temperature (10 Sec)
300
°C
Parameter
Value
Operating Supply Voltage
4.5V to 30V
Operating Temperature Range
-55
°C to 125 °C
(4)
Package Thermal Resistance *
8-PinPDIP
(PI)
θ
J-A (typ) 125 °C/W
8-PinSOIC
(SIA)
θ
J-A(typ)
200
°C/W
6-LeadDFN
(D1)
θ
J-A(typ)
125-200
°C/W
6-LeadDFN
(D1)
θ
J-C(max) 2.0 °C/W
6-LeadDFN
(D1)
θ
J-S(typ)
6.3°C/W


Similar Part No. - IXDD509SIATR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD504 IXYS-IXDD504 Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2 IXYS-IXDD504D2 Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2R IXYS-IXDD504D2R Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504D2T IXYS-IXDD504D2T Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504PI IXYS-IXDD504PI Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
More results

Similar Description - IXDD509SIATR

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDD514 IXYS-IXDD514 Datasheet
469Kb / 13P
   14 Ampere Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDD504 IXYS-IXDD504 Datasheet
407Kb / 13P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers with Enable for fast, controlled shutdown
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
   9 Ampere Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
   9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
   14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
   30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
   14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402PI IXYS-IXDN402PI Datasheet
221Kb / 10P
   2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDN404 IXYS-IXDN404_04 Datasheet
760Kb / 11P
   4 Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com