Electronic Components Datasheet Search |
|
5KP110CA Datasheet(PDF) 3 Page - Diodes Incorporated |
|
5KP110CA Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 3 page DS21504 Rev. H-2 3 of 3 5KP5.0(C)A(S) - 5KP240(C)A(S) 1 10 100 200 100 1000 10,000 100,000 V , REVERSE STANDOFF VOLTAGE (V) Fig.2 Typical Junction Capacitance RWM T = 25 C j ° Measured at Zero Bias Stand-Off Voltage V R Measured at 0.1 1.0 10 100 1000 10,000 1.0 10 100 1000 T PULSE WIDTH ( s) Fig. 3 Pulse Derating Curve P, m L = 9.5 mm 20x20x1mmCu 0 25 50 75 100 125 150 175 200 0 2.0 4.0 6.0 8.0 T , LEAD TEMPERATURE ( C) Fig. 5 Steady State Power Derating L ° Single Phase Half-Wave 60Hz Resistive or Inductive Load 10 X 1000 Waveform as defind by REA 025 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE ( C) Fig. 4 Pulse Derating Curve A ° 01 2 3 100 50 0 t = 10 s r m Peak Value Ipp Half Value I /2 pp 10 X 1000 Waveform as defined by R.E.A. tp t, TIME (ms) Fig. 1 Pulse Waveform |
Similar Part No. - 5KP110CA |
|
Similar Description - 5KP110CA |