Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMS6118 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # IRMS6118
Description  115 Kb/s Infrared Data Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRMS6118 Datasheet(HTML) 3 Page - Vishay Siliconix

  IRMS6118 Datasheet HTML 1Page - Vishay Siliconix IRMS6118 Datasheet HTML 2Page - Vishay Siliconix IRMS6118 Datasheet HTML 3Page - Vishay Siliconix IRMS6118 Datasheet HTML 4Page - Vishay Siliconix IRMS6118 Datasheet HTML 5Page - Vishay Siliconix IRMS6118 Datasheet HTML 6Page - Vishay Siliconix IRMS6118 Datasheet HTML 7Page - Vishay Siliconix IRMS6118 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 82575
www.vishay.com
Revision 17-August-01
3
Electrical Characteristics
Table 3. Basic Operating Parameters, TA=25°C (except where noted)
Table 4. I/O Parameters
Table 5. Receiver Parameters, TA=25°C (except where noted)
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Supported Data Rate
9.6
115
Kb/s
1.63 µs or 3/16 clock period
Power Supply Voltage
VCC
2.4
5.0
V
–25°C to +85°C, VCC to VSS
Maximum LED Anode Voltage
VLEDA
——
VCC+4
V
VCC=2.4 V to 5.0 V
ICC Shut Down Current (Note 1)
ICC1
0.01
1.0
µA
SD=VCC, VCC=2.4 V to 5.0 V
ICC Standby Current (Avg.)
ICC1
65
110
µA
no signal, VCC=2.7 V to 3.3 V
ICC Receiving Current (Avg.)
ICC2
120
µA
VCC=2.7 V to 3.3 V
ICC Transmitting Current (Avg.)
ICC3
1.7
2.5
mA
VCC=2.7 V to 3.3 V, No LED resistor,
VLED=3.0 V DC
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
TxD, SD Input Capacitance
5.0
pF
VCC=2.4 V to 5.0 V
TxD Resistance
350
500
650
k
TxD=VCC, VCC=2.4 V to 5.0 V
TxD, SD Input Threshold (Note 1)
0.8
1.4
2.0
V
VCC=2.4 V to 5.0 V
SD to RxD Tri-State
35
100
ns
VCC=2.4 V to 5.0 V
SD to RxD Enable
90
200
ns
VCC=2.4 V to 5.0 V
RxD Output High
VIH
4.3
V
VCC=5.0 V, IOH=8 mA
RxD Output High
VIH
1.7
V
VCC=2.4 V, IOH=3 mA
RxD Output Low
VIL
0.7
V
VCC=5.0 V, IOL =8 mA
RxD Ouput Low
VIL
0.3
V
VCC=2.4 V, IOL=3.0 mA
RxD Short Circuit
25
mA
VCC=5.0 V, RxD=0, RxD=VCC
RxD Short Circuit
4
mA
VCC=2.4 V, RxD=0, RxD=VCC
RxD to VCC Tri-State Impedance
500
k
VCC=2.4 V to 5.0 V,
between RxD to VCC
RxD Rise Time
tr
—30
ns
VCC=5.0 V, Load=15 pF
RxD Rise Time
tr
—40
ns
VCC=2.4 V, Load=15 pF
Parameter
Symbol Min.
Typ.
Max.
Unit
Conditions
Maximum Data Rate
9.6
115.2
Kb/s
1.63
µs with Εe=4.0 µW/cm2 to 500 mW/cm2
Receive 1
2 Angle
15
20
30
degree
IrDA Physical Layer specification
Minimum Signal Detect Irradiance
EIHmin
2.0
4.0
µW/cm2 Bit error rate=10–8, 1.63 µs pulse
Maximum Signal Detect Irradiance
EEmax
500
mW/cm2
Bit error rate=10–8, 1.63
µs pulse
Maximum Signal Irradiance No detect
0.3
µW/cm2 <0.1 pulse per second detect, 1.63 µs
Maximum DC Ambient Irradiance, 5.0 V
(Note 5)
10
mW/cm2
VCC=5.0 V
Maximum DC Ambient Irradiance,
2.4 V (Note 5)
2.5
mW/cm2
VCC=2.4 V
Transmit Receiver Latency (Note 2)
tL
50
100
µs
0 to 3 mW/cm2 DC ambient input
RxD Suppression Duration
(Note 6)
50
100
µs
Following end of TxD pulse
Powerup Receiver Latency
50
100
µs
0 to 3 mW/cm2 DC ambient input
Output Pulse Width at RxD
1.0
1.63
3.0
µs
1.63
µs, 4 µW/cm2 to 500 mW/cm2 input.


Similar Part No. - IRMS6118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRMS6452 VISHAY-IRMS6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results

Similar Description - IRMS6118

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com