Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRMS6118 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IRMS6118
Description  115 Kb/s Infrared Data Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRMS6118 Datasheet(HTML) 2 Page - Vishay Siliconix

  IRMS6118 Datasheet HTML 1Page - Vishay Siliconix IRMS6118 Datasheet HTML 2Page - Vishay Siliconix IRMS6118 Datasheet HTML 3Page - Vishay Siliconix IRMS6118 Datasheet HTML 4Page - Vishay Siliconix IRMS6118 Datasheet HTML 5Page - Vishay Siliconix IRMS6118 Datasheet HTML 6Page - Vishay Siliconix IRMS6118 Datasheet HTML 7Page - Vishay Siliconix IRMS6118 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Document Number: 82575
www.vishay.com
Revision 17-August-01
2
Figure 1. Block Diagram
Theory of operation
The IRMS6118/IRMT6118 Slimline—Infrared Data Transceiver
consists of a detector photodiode, an IR LED transmitter, an IC
containing ambient light suppressor, and Automatic Gain control
circuitry (AGC).
The ambient light suppressor can cancel up to 10 mW/cm2 (typi-
cal) at
5.0 V of DC ambient signal. This will typically allow opera-
tion in all but direct sunlight.
The AGC in the IC is to keep the system output constant by
varying the gain to accommodate a wide range of input signals.
It also provides noise immunity in the high noise ambient envi-
ronment.
For normal operation of the transmit and receiver modes, the
Shut Down (SD) pin should be held low. It is recommended
that this pin be connected to GND if Shut Down (SD) mode is
not used.
In receive mode, the receiver output (RxD) which normally
stays high, will go low for duration of the receive pulses. It is a
push-pull CMOS driver capable of driving a standard CMOS or
TTL load. No external pull-up or pull-down resistor is required.
In transmit mode, by asserting the TxD pin above 12 VCC will
turn on IR LED transmitter. At the LED Anode (pin 1) connect
this pin to VCC or unregulated power supply (not to exceed
VCC + 4.0 V), through a resistor to set the proper LED current to
reduce the thermal dissipation and to lower LED current.
+
-
+
-
Receiver Output
Receive
Detector
Regulated
Voltage &
Current
Sources
Power Down
Current Limited
Transmit
Error
amp
VCC
Detector
Reference
Lowpass
Filter
IR LED
AGC & Signal
Reference
Processor
AGC
Tx
Blanking
Switched
current source
Tx In
Tx Input
Buffer
Main
amp
Pre
amp
Ambient DC
Cancelling
LED Anode
Receive Ouput
Blanking
TxD
SD
RxD
Tri-State
Control
Tri-State
CMOS Buffer
Driver
GND
500 k
Differential
Photodiode
500 k
VCC
VCC
VCC
Pin 3
Pin 8
Pin 6
Pin 4
Pin 5
Pin 1
LED Cathode
Pin 2
Table 2. Slimline IRMS6118/IRMT6118 Truth Table
Inputs
Outputs
VCC
SD
TxD
Detector
RxD
LED
2.4 V to
5.0 V
High X=don’t care
state
X=don’t care
state
500 k
pull-up
Off
2.4 V to
5.0 V
Low
High
Undefined On
Low
<0.4
µW/cm2
High
Off
<4.0
µW/cm2
Low


Similar Part No. - IRMS6118

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRMS6452 VISHAY-IRMS6452 Datasheet
595Kb / 7P
   SIDE VIEW IRMS6452/TOP VIEW
Revision 05-July-02
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
More results

Similar Description - IRMS6118

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3201-021 LITEON-HSDL-3201-021 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Infineon Technologies A...
IRMS6453 INFINEON-IRMS6453 Datasheet
452Kb / 7P
   4 Mb/s Infrared Data Transceiver
logo
Lite-On Technology Corp...
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com