Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLR3714TRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLR3714TRPBF
Description   High Frequency Isolated DC-DC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3714TRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLR3714TRPBF Datasheet HTML 2Page - International Rectifier IRLR3714TRPBF Datasheet HTML 3Page - International Rectifier IRLR3714TRPBF Datasheet HTML 4Page - International Rectifier IRLR3714TRPBF Datasheet HTML 5Page - International Rectifier IRLR3714TRPBF Datasheet HTML 6Page - International Rectifier IRLR3714TRPBF Datasheet HTML 7Page - International Rectifier IRLR3714TRPBF Datasheet HTML 8Page - International Rectifier IRLR3714TRPBF Datasheet HTML 9Page - International Rectifier IRLR3714TRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRLR/U3714PbF
6
www.irf.com
QG
QGS
QGD
VG
Charge
D.U.T.
VDS
ID
IG
3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
+
-
4.5 V
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
+
-
VDD
DRIVER
A
15V
20V
25
50
75
100
125
150
175
0
30
60
90
120
150
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
5.9A
10A
14A


Similar Part No. - IRLR3714TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLR3714 IRF-IRLR3714 Datasheet
121Kb / 10P
   SMPS MOSFET
IRLR3714PBF IRF-IRLR3714PBF Datasheet
227Kb / 11P
   HEXFET Power MOSFET ( VDSS = 20V , RDS(on)max = 20m廓 , ID = 36A )
IRLR3714Z IRF-IRLR3714Z Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPBF IRF-IRLR3714ZPBF Datasheet
259Kb / 11P
   HEXFET Power MOSFET
IRLR3714ZPbF IRF-IRLR3714ZPbF Datasheet
268Kb / 12P
   High Frequency Synchronous Buck Converters for Computer Processor Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com