Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7805ATRPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRF7805ATRPBF
Description  N Channel Application Specific MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7805ATRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF7805ATRPBF Datasheet HTML 1Page - International Rectifier IRF7805ATRPBF Datasheet HTML 2Page - International Rectifier IRF7805ATRPBF Datasheet HTML 3Page - International Rectifier IRF7805ATRPBF Datasheet HTML 4Page - International Rectifier IRF7805ATRPBF Datasheet HTML 5Page - International Rectifier IRF7805ATRPBF Datasheet HTML 6Page - International Rectifier IRF7805ATRPBF Datasheet HTML 7Page - International Rectifier IRF7805ATRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.irf.com
2
IRF7805/IRF7805APbF
Parameter
Min Typ Max
Min Typ Max Units
Conditions
Diode Forward
V
SD
1.2
1.2
V
I
S = 7A‚, VGS = 0V
Voltage*
Reverse Recovery
Q
rr
88
88
nC di/dt = 700A/µs
Charge
…
V
DS = 16V, VGS = 0V, IS = 7A
Reverse Recovery
Q
rr(s)
55
55
Charge (with Parallel
Schotkky)
…
Parameter
Min Typ Max
Min Typ Max Units
Conditions
Drain-to-Source
V
(BR)DSS
30
30
V
V
GS = 0V, ID = 250µA
Breakdown Voltage*
Static Drain-Source
R
DS(on)
9.2
11
9.2
11
m
V
GS = 4.5V, ID = 7A‚
on Resistance*
Gate Threshold Voltage* V
GS(th)
1.0
1.0
V
V
DS = VGS,ID = 250µA
Drain-Source Leakage
I
DSS
30
30
µA
V
DS = 24V, VGS = 0
150
150
V
DS = 24V, VGS = 0,
Tj = 100°C
Gate-Source Leakage
I
GSS
±100
±100 nA
V
GS = ±12V
Current*
Total Gate Charge*
Q
g
22
31
22
31
V
GS = 5V, ID = 7A
Pre-Vth
Q
gs1
3.7
3.7
V
DS = 16V, ID = 7A
Gate-Source Charge
Post-Vth
Q
gs2
1.4
1.4
nC
Gate-Source Charge
Gate to Drain Charge
Q
gd
6.8
6.8
Switch Charge*
Q
SW
8.2
11.5
8.2
(Q
gs2 + Qgd)
Output Charge*
Q
oss
30
36
30
36
V
DS = 16V, VGS = 0
Gate Resistance
R
g
1.7
1.7
Turn-on Delay Time
t
d(on)
16
16
V
DD = 16V
Rise Time
t
r
20
20
ns
I
D = 7A
Turn-off Delay Time
t
d (off)
38
38
R
g = 2Ω
Fall Time
t
f
16
16
V
GS = 4.5V
Resistive Load
Electrical Characteristics
Source-Drain Rating & Characteristics
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
‚
Pulse width
≤ 300 µs; duty cycle ≤ 2%.
ƒ
When mounted on 1 inch square copper board, t < 10 sec.
„
Measured at V
DS < 100mV. This approximates actual operation of a synchronous rectifier.
…
Typ = measured - Q
oss
*
Devices are 100% tested to these parameters.
IRF7805
IRF7805A
„
„
Current*
di/dt = 700A/µs
(with 10BQ040)
V
DS = 16V, VGS = 0V, IS = 7A
„
„


Similar Part No. - IRF7805ATRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805A IRF-IRF7805A Datasheet
236Kb / 8P
   Chip-Set for DC-DC Converters
More results

Similar Description - IRF7805ATRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7805PBF IRF-IRF7805PBF_15 Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
IRLR8103V IRF-IRLR8103V Datasheet
151Kb / 8P
   N-Channel Application-Specific MOSFETs
IRF7811WGPBF IRF-IRF7811WGPBF Datasheet
190Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7822TRPBF IRF-IRF7822TRPBF Datasheet
148Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7809 IRF-IRF7809 Datasheet
132Kb / 4P
   N-Channel Application-Specific MOSFETs
IRLR8103 IRF-IRLR8103 Datasheet
42Kb / 4P
   N-Channel Application-Specific MOSFETs
IRF7811AVTRPBF IRF-IRF7811AVTRPBF Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AVPBF IRF-IRF7811AVPBF_15 Datasheet
116Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7811AV IRF-IRF7811AV Datasheet
132Kb / 6P
   N-Channel Application-Specific MOSFETs
IRF7805TRPBF IRF-IRF7805TRPBF Datasheet
230Kb / 5P
   N Channel Application Specific MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com