Electronic Components Datasheet Search |
|
FD-H18-L31 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
FD-H18-L31 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 16 page 131 DigitalFiberSensorFX-100SERIES FIBER SENSORS LASER SENSORS PHOTO- ELECTRIC SENSORS MICRO PHOTO- ELECTRIC SENSORS AREA SENSORS SAFETY COMPONENTS PRESSURE SENSORS INDUCTIVE PROXIMITY SENSORS PARTICULAR USE SENSORS SENSOR OPTIONS WIRE- SAVING SYSTEMS MEASURE- MENT SENSORS STATIC CONTROL DEVICES LASER MARKERS Selection Guide Fiber Sensor Amplifiers FX-300 FX-100 Fibers FT / FD / FR FX-410 FX-311 FX-11A FX-301-F Other Products FIBER SENSORS FX-100 Fiber sensor Ampilifiers Lens (For reflective type fiber) Designation Model No. Description Pinpoint spot lens FX-MR1 Pinpoint spot of ø0.5 mm ø0.020 in. Enables detection of minute objects or small marks. • Distance to focal point: 6 ± 1 mm 0.236 ± 0.039 in • Applicable fibers: FD-WG4, FD-G4 • Ambient temperature: –40 to +70 °C –40 to +158 °F (Note 2) Zoom lens FX-MR2 Screw-in depth Distance to focal point Spot diameter The spot diameter is adjustable from ø0.7 to ø2 mm ø0.028 to ø0.079 in according to how much the fiber is screwed in. • Applicable fibers: FD-WG4, FD-G4 • Ambient temperature: –40 to +70 °C –40 to +158 °F (Note 2) • Accessory: MS-EX-3 (mounting bracket) Sensing range for FX-101□ (mm in) (Note 1) Screw-in depth Distance to focal point Spot diameter 7 mm 0.276 in 18.5 0.728 approx. ø0.7 ø0.028 12 mm 0.472 in 27 1.063 approx. ø1.2 ø0.047 14 mm 0.551 in 43 1.693 approx. ø2.0 ø0.079 Finest spot lens FX-MR3 Distance to focal point Spot diameter Extremely fine spot of ø0.3 mm ø0.012 in approx. achieved. • Applicable fibers: FD-WG4, FD-G4, FD-EG1, FD-EG2, FD-EG3, FD-G6X, FD-G6 • Ambient temperature: –40 to +70 °C –40 to +158 °F (Note 2) Sensing range for FX-101□ (mm in) (Note 1) Fiber model No. Distance to focal point Spot diameter FD-EG3 7.5 ± 0.5 0.295 ± 0.020 ø0.15 ø0.006 approx. FD-EG2 7.5 ± 0.5 0.295 ± 0.020 ø0.2 ø0.008 approx. FD-EG1 7.5 ± 0.5 0.295 ± 0.020 ø0.3 ø0.012 approx. FD-WG4/G4, FD-G6X/G6 7.5 ± 0.5 0.295 ± 0.020 ø0.5 ø0.020 approx. Finest spot lens FX-MR6 Extremely fine spot of ø0.1 mm ø0.004 in approx. achieved. • Applicable fibers: FD-WG4, FD-G4, FD-EG1, FD-EG2, FD-EG3, FD-G6X, FD-G6 • Ambient temperature: –20 to +60 °C –4 to +140 °F (Note 2) Sensing range for FX-101□ (mm in) (Note 1) Fiber model No. Distance to focal point Spot diameter FD-EG3 7 ± 0.5 0.276 ± 0.020 ø0.1 ø0.004 approx. FD-EG2 7 ± 0.5 0.276 ± 0.020 ø0.15 ø0.006 approx. FD-EG1 7 ± 0.5 0.276 ± 0.020 ø0.2 ø0.008 approx. FD-WG4/G4, FD-G6X/G6 7 ± 0.5 0.276 ± 0.020 ø0.4 ø0.016 approx. Zoom lens Side-view type FX-MR5 FX-MR2 is converted into a side-view type and can be mounted in a very small space. • Applicable fibers: FD-WG4, FD-G4 • Ambient temperature: –40 to +70 °C –40 to +158 °F (Note 2) Sensing range for FX-101□ (mm in) (Note 1) Screw-in depth Distance to focal point Spot diameter 8 mm 0.315 in 13 0.512 approx. ø0.5 ø0.020 10 mm 0.394 in 15 0.591 approx. ø0.8 ø0.031 14 mm 0.551 in 30 1.181 approx. ø3.0 ø0.118 Screw-in depth Spot diameter Distance to focal point Screw-in depth Spot diameter Distance to focal point Notes: 1) The sensing ranges are the values when used in combination with FX-101□ (standard type). Please contact our office for details on sensing ranges for other types of amplifier. 2) For details on the ambient temperatures for the fibers which being combined, refer to p.101~. FIBER OPTIONS The dimensions are on p.121~. |
Similar Part No. - FD-H18-L31 |
|
Similar Description - FD-H18-L31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |