Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3265N6 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MC3265N6
Description  Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MC3265N6 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MC3265N6 Datasheet HTML 1Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 2Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 3Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 4Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 5Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 6Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 7Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 8Page - Cystech Electonics Corp. MC3265N6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C595N6
Issued Date : 2012.02.23
Revised Date :
Page No. : 1/12
MC3265N6
CYStek Product Specification
Current Mode PWM Controller
MC3265N6
Description
MC3265 is a highly integrated current mode PWM control IC optimized for high performance low standby
power offline flyback converter applications.
To improve the efficiency, MC3265 works at QR (Quasi-Resonant) mode or fixed frequency(52KHz) while
the loading is high and the line voltage is high or low.
At normal loading, MC3265 works at QR mode and the frequency is limited to 95KHz.
To meet the international power conservation requirements, optimized green mode is integrated to improve
the efficiency at light or no load conditions with no audible noise.
Slope compensation is integrated to ensure the stability at high load. Lead edge blanking is integrated to
prevent the false trigger at the transition of the switch. Soft switching control at the gate drive can improve
the EMI performance of the power supply. The Gate-drive output is clamped at 16V to protect the power
MOS.
Features
●Frequency jitter function to improve EMI performance of power supply
●No-audible-noise green mode Control
● Multi operation mode: QR, fixed-frequency CCM and green mode.
● Internal Slope Compensation
● Low VDD Startup Current and Low Operating Current
● Leading Edge Blanking
● UVLO
● Gate Max Output Voltage Clamp at 16V
● Overload Protection (OLP).
● Over temperature Protection (OTP).
● Line Compensation Over Current Protection (OCP)
Applications
Offline AC/DC flyback converter for
● Battery Charger
● Power Adaptor
● Set-Top Box Power Supplies
● Open-frame SMPS
● PC 5V Standby Power
● TV Power Supplies Standby


Similar Part No. - MC3265N6

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
MC3208011-SX-C ATGBICS-MC3208011-SX-C Datasheet
293Kb / 8P
   MC3208011-SX NVIDIA Mellanox Compatible Transceiver SFP 1000Base-SX (850nm, MMF, 550m)
MC3208411-T-C ATGBICS-MC3208411-T-C Datasheet
195Kb / 7P
   MC3208411-T NVIDIA Mellanox Compatible Transceiver SFP 10/100/1000Base-T (RJ45, Copper, 100m)
logo
List of Unclassifed Man...
MC3216 ETC2-MC3216 Datasheet
1Mb / 47P
   Axis Accelerometer
MC3253 ETC2-MC3253 Datasheet
1Mb / 72P
   Axis Accelerometer
MC3256 ETC2-MC3256 Datasheet
1Mb / 46P
   Axis Accelerometer
More results

Similar Description - MC3265N6

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com