Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20150E3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MBR20150E3
Description  20Amp. Schottky Barrier Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBR20150E3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MBR20150E3 Datasheet HTML 1Page - Cystech Electonics Corp. MBR20150E3 Datasheet HTML 2Page - Cystech Electonics Corp. MBR20150E3 Datasheet HTML 3Page - Cystech Electonics Corp. MBR20150E3 Datasheet HTML 4Page - Cystech Electonics Corp. MBR20150E3 Datasheet HTML 5Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CYStech Electronics Corp.
Spec. No. : C464E3
Issued Date : 2009.02.12
Revised Date : 2014.01.14
Page No. : 1/5
MBR20150E3
CYStek Product Specification
20Amp. Schottky Barrier Rectifiers
IF(AV)
2 × 10A
VRRM
150V
Tj
175°C
VF
0.68V
MBR20150E3
Features
• 175℃ operating junction temperature
• Low VF and low IR type
• Metal silicon junction, major carrier conduction
• 20A total (10A per diode leg)
• Guardring for stress protection
• Low power loss, high efficiency
• High surge capability
• High temperature soldering guaranteed : 260℃/10s, 0.25”(6.35mm) from case
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection application
• RoHS compliant package
Mechanical Data
• Case: JEDEC TO-220AB molded plastic
• Mounting Position: Any
• Weight: 0.08 ounce, 2.24 grams
• Terminals: Pure tin plated, lead-free, solderable per MIL-STD-750 method 2026
• Epoxy: UL 94V-0 rate flame retardant
• Mounting Torque : 5 in-lbs max
Equivalent Circuit
Outline
MBR20150E3
TO-220AB
A K A


Similar Part No. - MBR20150E3

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR20150 MCC-MBR20150 Datasheet
382Kb / 3P
   20 Amp High Voltage Power Schottky Barrier Rectifier 150Volts
logo
SAMYANG ELECTRONICS CO....
MBR20150 SAMYANG-MBR20150 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
List of Unclassifed Man...
MBR20150 ETC2-MBR20150 Datasheet
113Kb / 1P
   20 Amp HT Power Schottky Barrier Rectifier
logo
SAMYANG ELECTRONICS CO....
MBR20150 SAMYANG-MBR20150 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Micro Commercial Compon...
MBR20150 MCC-MBR20150 Datasheet
107Kb / 3P
   20 Amp Schottky Barrier Rectifier 20 to 200 Volts
More results

Similar Description - MBR20150E3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBR20100AE3 CYSTEKEC-MBR20100AE3 Datasheet
193Kb / 5P
   20Amp. Schottky Barrier Rectifiers
MBR20100AFP CYSTEKEC-MBR20100AFP Datasheet
263Kb / 5P
   20Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
MBR2040D SECOS-MBR2040D Datasheet
185Kb / 2P
   20Amp Schottky Barrier Rectifiers
logo
Cystech Electonics Corp...
MBR20200FP CYSTEKEC-MBR20200FP Datasheet
221Kb / 4P
   20Amp. Schottky Barrier Rectifiers
MBR20200E3 CYSTEKEC-MBR20200E3 Datasheet
160Kb / 4P
   20Amp. Schottky Barrier Rectifiers
MBR20100BE3 CYSTEKEC-MBR20100BE3 Datasheet
152Kb / 4P
   20Amp. Schottky Barrier Rectifiers
MBR20150FP CYSTEKEC-MBR20150FP Datasheet
163Kb / 4P
   20Amp. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SS2020 SECOS-SS2020 Datasheet
174Kb / 2P
   20AMP Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
MBR2020CT CHENYI-MBR2020CT Datasheet
227Kb / 2P
   20Amp schottky barrier rectifier 20to100 volts
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com