Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBNP2074G6 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # MBNP2074G6
Description  N- Channel Enhancement mode MOSFET AND PNP BJT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MBNP2074G6 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

Back Button MBNP2074G6 Datasheet HTML 2Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 3Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 4Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 5Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 6Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 7Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 8Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 9Page - Cystech Electonics Corp. MBNP2074G6 Datasheet HTML 10Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C196G6
Issued Date : 2011.01.20
Revised Date :
Page No. : 6/10
MBNP2074G6
CYStek Product Specification
N-channel MOSFET Characteristic Curves(Cont.)
Capacitance vs Drain-to-Source Voltage
1
10
100
010
20
30
Foreward Transfer Admittance vs Drain Current
1
10
100
1000
1
10
100
1000
Drain Current---ID(mA)
VDS=3V
Ta=25°C
Drain-Source Voltage---VDS(V)
Ciss
Ta=75°C
C oss
Ta=125°C
Crss


Similar Part No. - MBNP2074G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBNP2026G6 CYSTEKEC-MBNP2026G6 Datasheet
324Kb / 10P
   N- Channel Enhancement mode MOSFET AND PNP BJT Complex Device
More results

Similar Description - MBNP2074G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MBNP2026G6 CYSTEKEC-MBNP2026G6 Datasheet
324Kb / 10P
   N- Channel Enhancement mode MOSFET AND PNP BJT Complex Device
logo
KODENSHI_AUK CORP.
SUM201MN KODENSHI-SUM201MN Datasheet
425Kb / 9P
   P-Channel MOSFET PNP BJT
logo
ON Semiconductor
NSM3005NZ ONSEMI-NSM3005NZ Datasheet
115Kb / 6P
   N-Channel MOSFET Small Signal BJT and MOSFET
January, 2016 ??Rev. 1
logo
Diodes Incorporated
DMB54D0UDW DIODES-DMB54D0UDW_15 Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UDW DIODES-DMB54D0UDW Datasheet
144Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
DMB54D0UV DIODES-DMB54D0UV_15 Datasheet
128Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET PLUS PNP TRANSISTOR
logo
Cystech Electonics Corp...
MTC4103N8J CYSTEKEC-MTC4103N8J Datasheet
593Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC4503N8J CYSTEKEC-MTC4503N8J Datasheet
594Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTC7540BDH8 CYSTEKEC-MTC7540BDH8_16 Datasheet
759Kb / 14P
   N- AND P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com