Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VUO28-12NO7 Datasheet(PDF) 3 Page - IXYS Corporation

Part # VUO28-12NO7
Description  Standard Rectifier Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VUO28-12NO7 Datasheet(HTML) 3 Page - IXYS Corporation

  VUO28-12NO7 Datasheet HTML 1Page - IXYS Corporation VUO28-12NO7 Datasheet HTML 2Page - IXYS Corporation VUO28-12NO7 Datasheet HTML 3Page - IXYS Corporation VUO28-12NO7 Datasheet HTML 4Page - IXYS Corporation VUO28-12NO7 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
VUO28-12NO7
Ratings
XXX XX-XXXXX
YYCW Lot#
Made in Germany
Circuit Diagram
Part Number
Date Code
Logo
Package
TVJ
°C
MD
Nm
2
mounting torque
1.5
T
stg
°C
125
storage temperature
-40
Weight
g
19
Symbol
Definition
typ.
max.
min.
Conditions
virtual junction temperature
Unit
V
V
t = 1 second
V
t = 1 minute
isolation voltage
mm
mm
6.0
10.0
dSpp/App
creepage distance on surface | striking distance through air
dSpb/Apb
terminal to backside
I
RMS
RMS current
100
A
per terminal
150
-40
terminal to terminal
ECO-PAC1
Delivery Mode
Quantity
Code No.
Part Number
Marking on Product
Ordering
50/60 Hz, RMS; I
≤ 1 mA
ISOL
VUO28-12NO7
479632
Box
25
VUO28-12NO7
Standard
2500
3000
ISOL
threshold voltage
V
0.84
mΩ
V0 max
R0 max
slope resistance *
27.6
Equivalent Circuits for Simulation
T
=
VJ
I
V0
R0
Rectifier
150 °C
* on die level
IXYS reserves the right to change limits, conditions and dimensions.
20130322a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved


Similar Part No. - VUO28-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO28-08NO7 IXYS-VUO28-08NO7 Datasheet
182Kb / 5P
   Standard Rectifier Module
More results

Similar Description - VUO28-12NO7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VUO52-16NO1 IXYS-VUO52-16NO1 Datasheet
154Kb / 5P
   Standard Rectifier Module
VUO35-08NO7 IXYS-VUO35-08NO7 Datasheet
144Kb / 5P
   Standard Rectifier Module
VBO52-18NO7 IXYS-VBO52-18NO7 Datasheet
165Kb / 5P
   Standard Rectifier Module
VBO78-16NO7 IXYS-VBO78-16NO7 Datasheet
143Kb / 5P
   Standard Rectifier Module
VUO122-14NO7 IXYS-VUO122-14NO7 Datasheet
145Kb / 5P
   Standard Rectifier Module
MDD72-12N1B IXYS-MDD72-12N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD72-16N1B IXYS-MDD72-16N1B Datasheet
408Kb / 6P
   Standard Rectifier Module
MDD95-12N1B IXYS-MDD95-12N1B Datasheet
418Kb / 6P
   Standard Rectifier Module
MDD172-14N1 IXYS-MDD172-14N1 Datasheet
197Kb / 6P
   Standard Rectifier Module
MDD142-14N1 IXYS-MDD142-14N1 Datasheet
196Kb / 6P
   Standard Rectifier Module
MDNA65P2200TG IXYS-MDNA65P2200TG Datasheet
272Kb / 5P
   Standard Rectifier Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com