Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX10A-120P-SV1 Datasheet(PDF) 8 Page - Hirose Electric

Part # FX10A-120P-SV1
Description  10 Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10A-120P-SV1 Datasheet(HTML) 8 Page - Hirose Electric

Back Button FX10A-120P-SV1 Datasheet HTML 4Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 5Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 6Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 7Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 8Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 9Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 10Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 11Page - Hirose Electric FX10A-120P-SV1 Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
FX10 Seriesq10+Gbps 0.5mm pitch Stacking Connectors
Measured at 100 V DC
150 V AC applied for one minute
Measured at 100 mA
Frequency: 10 to 55 Hz, amplitude of 0.75 mm in 3 directions, 10
cycles each
Acceleration of 490 m/s2, 11 ms duration, sine half-wave
waveform, for 3 cycles in the both directions of each of the 3 axes
Temperature: -55ç ¡ 15 to 35ç ¡ 85ç ¡ 15 to 35ç
Time: 30 min. ¡ 2 to 3 min. ¡ 30 min. ¡ 2 to 3 min. for 5 cycles
Reflow: At the recommended temperature profile
Soldering iron temperature: 360ç for 5 seconds
Temperature of 40ç, humidity of 90 to 95%, duration 96 h
50 times
100 M ohm min
No flashover or breakdown
60 m ohm max
No electrical discontinuity for 1µs min
No damage, cracks, or parts looseness
No electrical discontinuity for 1µs min
No damage, cracks, or parts looseness
Contact resistance of 70 m ohm max
No damage, cracks, or parts looseness
No melting of resin portion which affects performance
sGeneral Product Specifications
Item
Requirements
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term storage refers to an unused products prior to board mounting (including packing materials) that is being kept for a long period.
The operating temperature and humidity range are suited to the non-conducting condition following board assembly.
Note 3: Information contained in this catalog represents general requirements for this series. Contact us for the drawings and specifications for a
specific part number shown.
Rating
Rated voltage
Rated current
50 V AC
0.3 A
Operating humidity range
Operating temperature range
Relative humidity 95% max
(No condensation)
-55 to 85ç (Note 1)
Storage humidity range
Storage temperature range
40 to 70% (Note 2)
-10 to +60ç (Note 2)
1. Insulation resistance
2. Voltage resistance
3. Contact resistance
4. Vibration
5. Shock
6. Damp heat
(Steady state)
8. Durability
9. Resistance to
soldering heat
7. Temperature cycle
Contact resistance of 70 m ohm max, insulation resistance of
100 M ohm min, no damage, cracks, or parts looseness
Contact resistance of 70 m ohm max, insulation resistance of
100 M ohm min, no damage, cracks, or parts looseness
sOrdering Information
F
FX
X1
10
0 #
# - ✽ P
P // ✽ - S
SV
V 1
1 ((✽ ✽))
1
2
7
3
4
5
6
sMaterials
Part
Material
Process
Notes
Insulator
Contacts
Ground plate
Metal fitting
LCP
Phosphor bronze
Phosphor bronze
Phosphor bronze
Beige
Header
Contact Area: Gold plating
Lead Area: Tin plating
Receptacle
Contact Area: Gold plating
Lead Area: Flash plating
Tin plating
Tin plating
UL94V-0
---
---
---
Series name : FX10
Form symbol
A : With guide post
B : Without guide post
Number of contacts
Signal/Ground: 80/8, 100/10, 120/12,
140/14
Signal: 96, 120, 144, 168
Connector type
P : Header
S : Receptacle
Contact form
SV : Straight SMT
Product height
Blank : Standard
1
: Standard + 1mm
Packaging classification
Blank, (71) : Tray packaging
(21), (91) : Embossed tape packaging
3
5
4
6
7
1
2
With ground plate
Without ground plate


Similar Part No. - FX10A-120P-SV1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-120P HIROSE-FX10A-120P Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10A-120P-SV1

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com