Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX10A-120P-SV Datasheet(PDF) 4 Page - Hirose Electric

Part # FX10A-120P-SV
Description  10 Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10A-120P-SV Datasheet(HTML) 4 Page - Hirose Electric

  FX10A-120P-SV Datasheet HTML 1Page - Hirose Electric FX10A-120P-SV Datasheet HTML 2Page - Hirose Electric FX10A-120P-SV Datasheet HTML 3Page - Hirose Electric FX10A-120P-SV Datasheet HTML 4Page - Hirose Electric FX10A-120P-SV Datasheet HTML 5Page - Hirose Electric FX10A-120P-SV Datasheet HTML 6Page - Hirose Electric FX10A-120P-SV Datasheet HTML 7Page - Hirose Electric FX10A-120P-SV Datasheet HTML 8Page - Hirose Electric FX10A-120P-SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
FX10 Seriesq10+Gbps 0.5mm pitch Stacking Connectors
sSignal integrity
q Pin assignment
q Impedance
To match 100 ohm differential impedance and to reduce crosstalk, a staggered GSGSG pin assignment is recommended.
(G=ground and S=signal)
The differential impedance is 100 +/- 10 ohm for FX10 at 30 ps rise time (20% to 80%).
0
200
400
600
800
1000
85
90
95
100
105
110
115
Time (ps)
S(3,3)
0
200
400
600
800
1000
85
90
95
100
105
110
115
Time (ps)
S(3,3)
0
200
400
600
800
1000
85
90
95
100
105
110
115
Time (ps)
S(3,3)
0
200
400
600
800
1000
85
90
95
100
105
110
115
Time (ps)
S(3,3)
q Propagation delay
The propagation delay is 62 and 67 ps for FX10 of 4mm and 5mm height (with and without GND), respectively.
4 mm (without GND)
4 mm (with GND)
5 mm (with GND)
5 mm (without GND)
GSGSG
signal
ground
Diff pair


Similar Part No. - FX10A-120P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-120P HIROSE-FX10A-120P Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10A-120P-SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com