Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15SC-51S-05SV Datasheet(PDF) 3 Page - Hirose Electric

Part # FX15SC-51S-05SV
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15SC-51S-05SV Datasheet(HTML) 3 Page - Hirose Electric

  FX15SC-51S-05SV Datasheet HTML 1Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 2Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 3Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 4Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 5Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 6Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 7Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 8Page - Hirose Electric FX15SC-51S-05SV Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
B275
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
sFX15 Series – Mating Diagram
Crimp contact
Crimp contact
(FX15-3032-PCFB)
Crimp contact
(FX15-2830-PCFB)
Plugs
Receptacles
Without shields
(FX15M-P-C)
Right angle, with shields
–enhanced shielding
(FX15S-S-0.5SH)
With shields – enhanced shielding
(FX15S-P-C)
Right angle, without shields
(FX15M-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SH)
With shields – enhanced shielding
PCB mouting pattern : VESA standard
(FX15SC-S-0.5SV)
With shields – enhanced shielding
AWG#28 to 30
(FX15SW-31P-C)
Micro-coaxial cable
(FX15S-P-0.5SD)
With shields-standard
(FX15-31P-C)
Vertical, with shields
(FX15-31S-0.5SV)
Ground plate
(FX15S-P-GND)
Ragarding the availability of the positions, contact your nearest Hirose representative.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX15SC-51S-05SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15SC-51S-0.5SH HIROSE-FX15SC-51S-0.5SH Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15SC-51S-0.5SV HIROSE-FX15SC-51S-0.5SV Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15SC-51S-05SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com