Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30ETH06SPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-30ETH06SPBF
Description  Hyperfast Rectifier, 30 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30ETH06SPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-30ETH06SPBF Datasheet HTML 1Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 2Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 3Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 4Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 5Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 6Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 7Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 8Page - Vishay Siliconix VS-30ETH06SPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94020
6
Revision: 11-Mar-10
VS-30ETH06SPbF, VS-30ETH06-1PbF
Vishay High Power Products
Hyperfast Rectifier,
30 A FRED Pt®
ORDERING INFORMATION TABLE
2
-
Current rating (30 = 30 A)
3
-
E = Single diode
4
-
T = TO-220, D2PAK
5
-
H = Hyperfast recovery
6
-
Voltage rating (06 = 600 V)
-
PbF = Lead (Pb)-free
7
-
S = D2PAK
-1 = TO-262
8
-
None = Tube (50 pieces)
TRL = Tape and reel (left oriented, for D2PAK package)
TRR = Tape and reel (right oriented, for D2PAK package)
9
Device code
5
1
3
24
67
8
9
VS-
30
E
T
H
06
S
TRL PbF
1
-
HPP product suffix
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95014
Part marking information
www.vishay.com/doc?95008
Packaging information
www.vishay.com/doc?95032


Similar Part No. - VS-30ETH06SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30ETH06SPBF VISHAY-VS-30ETH06SPBF_V01 Datasheet
143Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt짰
08-Feb-17
More results

Similar Description - VS-30ETH06SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30ETH06FP-F3 VISHAY-30ETH06FP-F3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 16-Nov-11
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02S-M3 VISHAY-VS-30CTH02S-M3_V01 Datasheet
193Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF_V01 Datasheet
147Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
08-Feb-17
VS-E5PW3006LHN3 VISHAY-VS-E5PW3006LHN3 Datasheet
188Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt® G5
Revision: 02-Sep-2022
VS-CZH6106FP-M3 VISHAY-VS-CZH6106FP-M3_V01 Datasheet
137Kb / 6P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
VS-60CPH03PBF VISHAY-VS-60CPH03PBF_V01 Datasheet
167Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
60CPH03PBF VISHAY-60CPH03PBF_12 Datasheet
166Kb / 8P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
Revision: 30-Sep-11
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com