Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX15S-51S-05SH Datasheet(PDF) 2 Page - Hirose Electric

Part # FX15S-51S-05SH
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX15S-51S-05SH Datasheet(HTML) 2 Page - Hirose Electric

  FX15S-51S-05SH Datasheet HTML 1Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 2Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 3Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 4Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 5Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 6Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 7Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 8Page - Hirose Electric FX15S-51S-05SH Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
B274
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
1 mA
100V DC
300V AC/one minute
With corresponding connector
50 cycles
Frequency: 10 to 55 Hz, single amplitude of 0.76mm, 2 hours, 3 axis
Acceleration of 490m/s2, 11ms durations, sine half-wave waveform, 3 cycles, 3axis.
96 hours at 40ç, RH 90% to 95%
Temperature : -55ç ¡ +15ç to +35ç ¡ +85ç ¡ +15ç to +35ç
Time
: 30 ¡ 5 ¡ 30 ¡ 5 (Minutes)
5 cycles
5% water solution for 48 hours.
60 m ohms max. (Note 3)
500 M ohms min.
No flashover or insulation breakdown.
0.2N min., 30N max.
Contact resistance: 80 m ohms max.(Note 3)
No electrical discontinuity of 1 µs or more.
No electrical discontinuity of 1 µs or more.
Contact resistance: 80 m ohms max.
No damage, cracks, or parts dislocation.(Note 3)
Contact resistance: 80 m ohms max. (Note 3)
Insulation resistance: 500 M ohms min.
Contact resistance: 80 m ohms max. (Note 3)
No corrosions
sOrdering information
sProduct Specifications
Ratings
Current rating
Voltage rating
0.5A
100V AC
Operating temperature range
Storage temperature range
-55ç to +80ç (Note 1)
-10ç to +60ç (Note 2)
1. Contact resistance
2. Insulation resistance
3. Withstanding voltage
4. Insertion-Extraction force
5. Durability
(mating/un-mating)
6. Vibration
7. Shock
8. Humidity
9. Temperature cycle
10. Salt spray
Item
Specification
Conditions
Note 1: Includes temperature rise caused by current flow.
Note 2: The term “storage” refers to products stored for long period of time prior to mounting and use. Operating temperature range
and humidity range covers non-conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Includes wire conductor resistance (12mm long).
Note 4: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
sMaterials and Finishes
qReceptacle
UL94V-0
---------------
---------------
---------------
Material
Finish
Remarks
Component
Insulator
Contact
Metal shields (with shields)
Metal fittings (without shields)
Polyamide
Phosphor bronze
FX15S : Nickel silver
FX15SC : Stainless steel
Phosphor bronze
Color: Black
Contact area: Gold plated
Termination area: Tin plated
FX15S : ---------------
FX15SC : Tin plated
Selective gold flash plated
UL94V-0
---------------
---------------
---------------
---------------
Material
Finish
Remarks
Component
Insulator
Contact
Metal shields (with shields)
Metal latch-locks (with shields)
Metal shields, metal latch-looks
(micro-coaxial cable)
Polyamide
Phosphor bronze
Nickel silver
Stainless steel
Stainless steel
Color: Black
Contact area: Gold plated
Termination area: Tin plated
---------------
---------------
Nickel plated
qPlug
FX15 S - 31 S - 0.5 SH
1
6
3
2
4
5
qReceptacle
FX15 S - 31 P - C
1
3
2
4
7
qPlug
FX15 - 3032 PCF B
1
2
9
8
10
qCrimp contact
1
2
3
4
5
6
7
8
9
10
Series Name
Configuration
Number of contacts
Connector type
Contact pitch
Housing configuration
Termination
Applicable conductor
Packaging
Plating (contact area)
: FX15
Blank : With shields (or crimp contact)
15S
: With shields – enhanced shielding
15SC : With shields – enhanced shielding
(PCB mounting pattern : VESA standard)
15M
: Without shields
P
: Male contact
S
: Female contact
: 0.5 mm
SH
: Right angle
SV
: Straight
C
: Crimp
0.5SD : Micro-coaxial cable
GND
: Separate ground plate
2830
: AWG 28 to 30
3032
: AWG 30 to 32
PCF
: Reel/ plug contact
B
: Gold plated
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX15S-51S-05SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15S-51S-0.5SH HIROSE-FX15S-51S-0.5SH Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX15S-51S-05SH

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
List of Unclassifed Man...
FX15SC-51S-0.5SV ETC2-FX15SC-51S-0.5SV Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com