Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKD06N60RA Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKD06N60RA
Description  TRENCHSTOPTM RC-Series for hard switching applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKD06N60RA Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKD06N60RA Datasheet HTML 2Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 3Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 4Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 5Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 6Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 7Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 8Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 9Page - Infineon Technologies AG IKD06N60RA Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
IKD06N60RA
TRENCHSTOPTMRC-Seriesforhardswitchingapplications
Rev.2.1,2012-10-25
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
68
-
ns
Diode reverse recovery charge
Qrr
-
0.37
-
µC
Diode peak reverse recovery current
Irrm
-
12.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-211
-
A/µs
Tvj=25°C,
VR=400V,
IF=6.0A,
diF/dt=800A/µs
SwitchingCharacteristic,InductiveLoad,atTvj=175°C
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic
Turn-on delay time
td(on)
-
12
-
ns
Rise time
tr
-
10
-
ns
Turn-off delay time
td(off)
-
164
-
ns
Fall time
tf
-
171
-
ns
Turn-on energy
Eon
-
0.20
-
mJ
Turn-off energy
Eoff
-
0.36
-
mJ
Total switching energy
Ets
-
0.56
-
mJ
Tvj=175°C,
VCC=400V,IC=6.0A,
VGE=0.0/15.0V,
rG=23.0
Ω,Lσ=60nH,
C
σ=40pF
L
σ,CσfromFig.E
DiodeCharacteristic,atTvj=175°C
Diode reverse recovery time
trr
-
74
-
ns
Diode reverse recovery charge
Qrr
-
0.80
-
µC
Diode peak reverse recovery current
Irrm
-
17.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-237
-
A/µs
Tvj=175°C,
VR=400V,
IF=6.0A,
diF/dt=800A/µs


Similar Part No. - IKD06N60RA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKD06N60R INFINEON-IKD06N60R Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
IKD06N60R INFINEON-IKD06N60R Datasheet
368Kb / 2P
   RC-Drive and RC-Drive Fast
09 / 2012
IKD06N60R INFINEON-IKD06N60R Datasheet
1Mb / 16P
   IGBT with integrated diode in packages offering space saving advantage
Rev.2.5,2014-03-12
IKD06N60RC2 INFINEON-IKD06N60RC2 Datasheet
1Mb / 16P
   Cost effective monolithically integrated IGBT with Diode
V2.1 2020-09-28
IKD06N60RF INFINEON-IKD06N60RF Datasheet
886Kb / 16P
   ?쏳C-D Fast?? RC-Drives IGBT optimized for high switching frequency
July 2012
More results

Similar Description - IKD06N60RA

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGC04R60DE INFINEON-IGC04R60DE Datasheet
103Kb / 6P
   TRENCHSTOPTM RC-Series for hard switching applications
1.2, 31.05.2013
IKD04N60RA INFINEON-IKD04N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD15N60RA INFINEON-IKD15N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.1,2013-02-15
IKD10N60RA INFINEON-IKD10N60RA Datasheet
2Mb / 16P
   600V TRENCHSTOPTM RC-Series for hard switching applications
Rev.2.2,2014-02-28
IKD03N60RF INFINEON-IKD03N60RF_16 Datasheet
1Mb / 16P
   TRENCHSTOPTM RC-Series for hard switching applications up to 30 kHz
Rev.2.6,2016-05-10
IGC10R60DE INFINEON-IGC10R60DE Datasheet
102Kb / 6P
   TRENCHSTOPTM Reverse Conducting (RC) technology
Edition 1.1, 31.05.2013
logo
Vishay Siliconix
VS-GA100TS60SFPBF VISHAY-VS-GA100TS60SFPBF Datasheet
181Kb / 7P
   Optimized for hard switching speed
Revision: 10-Jun-15
logo
STMicroelectronics
AN2927 STMICROELECTRONICS-AN2927 Datasheet
161Kb / 12P
   RC acquisition principle for touch sensing applications
logo
Vishay Siliconix
VS-GB200TS60NPBF VISHAY-VS-GB200TS60NPBF Datasheet
204Kb / 9P
   Ultrafast: optimized for hard switching speed
Revision: 10-Jun-15
logo
Peregrine Semiconductor
PE94302 PSEMI-PE94302 Datasheet
377Kb / 8P
   RF Digital Step Attenuator For Rad-Hard Space Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com