Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX10A-168P-SV4 Datasheet(PDF) 2 Page - Hirose Electric

Part # FX10A-168P-SV4
Description  10 Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10A-168P-SV4 Datasheet(HTML) 2 Page - Hirose Electric

  FX10A-168P-SV4 Datasheet HTML 1Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 2Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 3Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 4Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 5Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 6Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 7Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 8Page - Hirose Electric FX10A-168P-SV4 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FX10 Seriesq10+Gbps 0.5mm pitch Stacking Connectors
MSA-100GLH Electrical Interface
sReceptacles without ground plate
(Ø1)
(Ø1)
Guidepost
0.2±0.05
No.a84
No.b84
No.a83
No.b83
41.5±0.2
49.1±0.3
44.4±0.1
(P=0.5)
No.a2
No.a1
No.b1
No.b2
Unit: mm
sRecommended Land Pattern
Dimensions(Metal Mask Dimensions)
sBoard-to-Board Distance
Recommended metal mask thickness: 0.15mm
Note
Not required in products without guideposts.
Note
Stacking height from lead to lead (reference dimensions)
Board-to-board distance
Stencil (metal mask) shall be based on Hirose's recommended aperture and thickness.
1
0.3±0.03(LAND WIDTH)
0.5±0.03
1.45±0.05
Ø1.2±0.05
41.5±0.05
44.4±0.05
46.3 0
-0.1
49.5+0.1
0
0.25±0.03(METAL MASK)
No.b1
No.b2
No.a2
No.a1
No.a84
No.a83
No.b83
No.b84
Ø1.2±0.05 1
1
RECEPTACLE CONNECTOR
FX10A(B)-168S-SV(83)
HEADER CONNECTOR
FX10A(B)-168P-SV*(83)
SOLDER
SOLDER
FX10A(B)-168P-SV(83)
FX10A(B)-168P-SV1(83)
FX10A(B)-168P-SV2(83)
FX10A(B)-168P-SV3(83)
FX10A(B)-168P-SV4(83)
FX10A(B)-168S-SV(83)
(A)
B
4
5
6
7
8
4.3±0.127
5.3±0.127
6.0±0.127
7.0±0.127
8.0±0.127
2
1
3
3
PCB
PCB
1
2
3
sProduct Specifications (Rating)
Rating
Rated voltage
Rated current
Note 1
50 V AC
Operating humidity
range
Operating temperature
range
Relative humidity 95% max
(No condensation)
-55 to 85ç
Storage temperature
range
Storage humidity
range
40 to 70%
(Note 2)
-40 to +60ç
(Note 2)
Note 1: Refer to FX10-168pin derating curves from test reports TR570E-20587.
Note 2: The term storage refers to an unused products prior to board mounting (including packing materials) that is being kept for a long period.
The operating temperature and humidity range are suited to the non-conducting condition following board assembly.
Note 3: Other information are shown in General Product Specifications.
Part No.
CL No.
FX10A-168S-SV (**)
FX10B-168S-SV (**)
570-0244-7-**
570-0254-0-**
Number of Contacts
Signal
168
Remarks
With guideposts
Without guideposts
Note 1: There is no polarity in terms of board mounting for this product.
Note 2: The coplanarity of this product's SMT leads is 0.1 mm or less.
Note 3: Please order embossed tape packaged items by the reel. (One reel holds 1,000 pieces.)
Note 4: Using multiple connectors between identical boards is not recommended.
[Specifications number] -✽ ✽, (✽ ✽)
(83): Embossed tape packaging / AuP 0.76µm
(93): Tray packaging / AuP 0.76µm


Similar Part No. - FX10A-168P-SV4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-168P-SV4 HIROSE-FX10A-168P-SV4 Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10A-168P-SV4

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-100P-10-SV HIROSE-FX10A-100P-10-SV Datasheet
637Kb / 20P
   10Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com