Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VND5E160MJ-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VND5E160MJ-E
Description  Double-channel high-side driver with analog current sense for automotive applications
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E160MJ-E Datasheet(HTML) 1 Page - STMicroelectronics

  VND5E160MJ-E Datasheet HTML 1Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 2Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 3Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 4Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 5Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 6Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 7Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 8Page - STMicroelectronics VND5E160MJ-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
September 2013
Doc ID 15616 Rev 2
1/34
1
VND5E160MJ-E
Double-channel high-side driver with analog current sense
for automotive applications
Features
• General
– Inrush current active management by
power limitation
– Very low standby current
– 3 V CMOS compatible inputs
– Optimized electromagnetic emissions
– Very low electromagnetic susceptibility
– In compliance with the 2002/95/EC
european directive
– Very low current sense leakage
• Diagnostic functions
– Proportional load current sense
– High-precision current sense for wide
currents range
– Current sense disable
– Overload and short to ground (power
limitation) indication
– Thermal shutdown indication
•Protections
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Self limiting of fast thermal transients
– Protection against loss of ground and loss
of VCC
– Overtemperature shutdown with auto
restart (thermal shutdown)
– Reverse battery protected (see Figure 29)
– Electrostatic discharge protection
Application
• All types of resistive, inductive and capacitive
loads
• Suitable as LED driver
Description
The VND5E160MJ-E is a double-channel
high-side driver manufactured in the ST
proprietary VIPower™ M0-5 technology and
housed in the tiny PowerSSO-12 package. The
VND5E160MJ-E is designed to drive 12 V
automotive grounded loads delivering protection,
diagnostics and easy 3 V and 5 V CMOS
compatible interface with any microcontroller.
The device integrates advanced protective
functions such as load current limitation, inrush
and overload active management by power
limitation, overtemperature shut-off with
auto-restart and overvoltage active clamp. A
dedicated analog current sense pin is associated
with every output channel in order to provide
enhanced diagnostic functions including fast
detection of overload and short-circuit to ground
through power limitation indication and
overtemperature indication.
The current sensing and diagnostic feedback of
the whole device can be disabled by pulling the
CS_DIS pin high to allow sharing of the external
sense resistor with other similar devices.
Max transient supply voltage
VCC
41 V
Operating voltage range
VCC 4.5 V to 28 V
Max on-state resistance (per ch.) RON
160 m
Current limitation (typ.)
ILIMH
10 A
Off-state supply current
IS
2 µA(1)
1. Typical value with all loads connected.
PowerSSO-12
www.st.com


Similar Part No. - VND5E160MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E160MJTR-E STMICROELECTRONICS-VND5E160MJTR-E Datasheet
532Kb / 34P
   Double-channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E160MJ-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012MY-E STMICROELECTRONICS-VND5E012MY-E Datasheet
876Kb / 36P
   Double channel high-side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com