Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GHA500F-48 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GHA500F-48
Description  AC-DC Power Supplies Medical type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GHA500F-48 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GHA500F-48 Datasheet HTML 1Page - List of Unclassifed Manufacturers GHA500F-48 Datasheet HTML 2Page - List of Unclassifed Manufacturers GHA500F-48 Datasheet HTML 3Page - List of Unclassifed Manufacturers GHA500F-48 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GHA-5
GHA500F
External view
Features
Block diagram
-Wattage 500W max
-High Power density:24.1W/inch3
-High efficiency 92% typ (Input Voltage 230V,Output Voltage 24V)
-Conduction cooling
- 3"X 5"standard footprint
-Fits 1U applications
-Industrial and Medical safety approvals
-Low leakage current
-With Remote On/Off (Optional)
-With AUX1 (5V), AUX2 (12V) (Optional)
-No minimum load is required
NOISE
FILTER
FUSE
250V10A
X2
AC IN 90 - 264V
FG
BOOSTER
INDUCTER
CURRENT
SENSING
DC OUT
RECTIFIER
AND
FILTER
AUX2(5V 1A)
AUX1(12V 1A)
RC(REMOTE ON/OFF)
INVERTER
RECTIFIER
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
INVERTER
CURRENT
SENSING
INTERNAL
REGULATOR
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
OVER
VOLTAGE
PROTECTION
CONTROL
CONTROL
PG(POWER GOOD)
Photocoupler
Photocoupler
TRANSFORMER
TRANSFORMER
I/OConnector
Mating
connector
Terminal
Mfr
CN101
A-41671-A03A197-2 09-50-8031
08-50-0105
08-65-0114
MOLEX
CN501
(Optional)
087831-0820
51110-0851
50394-8051
CN101
(Optional)
B2P3-VH
VHR-3N
SVH-21T-P1.1
J.S.T.
CN501
(Optional)
B8B-PHDSS
PHDR-08VS
SPHD-002T-P0.5
FG
Mating connector
Terminal
Mfr
-
250 Series
-
170603-2
Tyco Electronics
<CN501(Optional)>
Pin No.
Function
1
AUX1 : AUX1
(12V1A)
2
AUX1G : AUX1
(GND)
3
RC1
: REMOTE ON/OFF
4
RCG
: REMOTE ON/OFF
(GND)
5
PG
: Power good
6
PGG
: Power good
(GND)
7
AUX2 : AUX2
(5V1A)
8
AUX2G : AUX2
(GND)
<Pin Assignments>
<CN101>
Pin No.
Input
1
AC(L)
2
3
AC(N)
1
2
7
8
¶ Tolerance ±1 [±0.04]
¶ Weight : 420g max
¶ There is a total of four attachment holes.
¶ Base Plate : Aluminum
¶ Dimensions in mm, [ ]=inches
¶ Screw tightening torque : (TB501, 502) : 1.5N-m max
¶ Mounting toque : 0.6N-m max
¶ Avoid contact between TB501 and 502 wiring with mounting parts.
¶ Option : -J1 : (J.S.T) connector type. Refer to Instruction Manual 5.
3
1
FG
AC(L)
AC(N)
CN101
TB502
TB501
124.1
119.7
127.0
115.6
5.7
OUTPUT(+)
OUTPUT(-)
1
2
7
8
with Subfeatures(Optional)
Voltage adjust
Mounting Holes
4-
f3.4(with Mounting Holes M3)
Name plate
[4.71]
[0.22]
[4.55]
[4.89]
[5.00]
CN501
±0.5
CN501
GHA
me_gha.indd GHA-5
me gha indd GHA-5
2014/01/09 17:05:58
2014/01/09 17:05:58


Similar Description - GHA500F-48

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
LMA COSEL-LMA Datasheet
1Mb / 10P
   AC-DC Power Supplies Medical Type
June 29, 2020
logo
Wall Industries,Inc.
PSIM65 WALL-PSIM65 Datasheet
105Kb / 3P
   Medical AC/DC Power Supplies
PSMAF150 WALL-PSMAF150 Datasheet
1Mb / 9P
   Medical AC/DC Power Supplies
PSM250 WALL-PSM250 Datasheet
259Kb / 6P
   Medical AC/DC Switching Power Supplies
PSM360 WALL-PSM360 Datasheet
269Kb / 7P
   Medical AC/DC Switching Power Supplies
PSME10 WALL-PSME10 Datasheet
190Kb / 4P
   Medical AC/DC Switching Power Supplies
PSPRL1103M WALL-PSPRL1103M Datasheet
568Kb / 7P
   Medical AC/DC Switching Power Supplies
PSM500 WALL-PSM500 Datasheet
224Kb / 8P
   Medical AC/DC Switching Power Supplies
PSMP05 WALL-PSMP05 Datasheet
217Kb / 4P
   Medical AC/DC Switching Power Supplies
PSMP10 WALL-PSMP10 Datasheet
213Kb / 4P
   Medical AC/DC Switching Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com