Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FT232HQ-REEL Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # FT232HQ-REEL
Description  Future Technology Devices International Ltd
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT232HQ-REEL Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button FT232HQ-REEL Datasheet HTML 5Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 6Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 7Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 8Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 9Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 10Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 11Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 12Page - List of Unclassifed Manufacturers FT232HQ-REEL Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 66 page
background image
Copyright © 2012 Future Technology Devices International Limited
9
Document No.: FT_000288
FT232H SINGLE CHANNEL HI-SPEED USB TO MULTIPURPOSE UART/FIFO IC
Datasheet Version 1.8
Clearance No.: FTDI #199
3.3 Signal Description
The operation of the following FT232H pins are the same regardless of the configured mode:-
Pin No.
Name
Type
Description
40
**
VREGIN
POWER
input
+5.0V or 3V3 power supply input.
37
VCCA
POWER
output
+1.8V output. Should not be used.
38
VCORE
POWER
output
+1.8V output. Should not be used.
39
**
VCCD
POWER
output or
input
+3.3V output or input.
12, 24, 46
VCCIO
POWER
input
+3.3V input. I/O interface power supply input
8
VPLL
POWER
Input
+3.3V input. Internal PLL power supply input. It is
recommended that this supply is filtered using an LC filter.
(See figure 6.1)
3
VPHY
POWER
Input
+3.3V input. Internal USB PHY power supply input. Note that
this cannot be connected directly to the USB supply. A +3.3V
regulator must be used. It is recommended that this supply is
filtered using an LC filter.(See figure 6.1)
4,9,41
AGND
POWER
Input
0V Ground input.
10,11,22,23,35,36,47,48
GND
POWER
Input
0V Ground input.
Table 3.1 Power and Ground
** If pin 40 (VREGIN) is +5.0V, pin 39 becomes an output and If pin 40 (VREGIN) is 3V3 pin 39 becomes
an input.


Similar Part No. - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232HQ-REEL FTDI-FT232HQ-REEL Datasheet
1Mb / 66P
   Single Channel Hi-Speed USB to Multipurpose UART/FIFO IC
More results

Similar Description - FT232HQ-REEL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
   Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
   Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
   Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
   Future Technology Devices International Ltd.
FT230XQ-R FTDI-FT230XQ-R Datasheet
828Kb / 44P
   Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
USB-COM232-PLUS-2 ETC2-USB-COM232-PLUS-2 Datasheet
805Kb / 24P
   Future Technology Devices International Ltd
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com