Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CXA2590-0000-000R0HZ440F Datasheet(PDF) 10 Page - Cree, Inc

Part # CXA2590-0000-000R0HZ440F
Description  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R0HZ440F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CXA2590-0000-000R0HZ440F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 9Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 10Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 11Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 12Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 13Page - Cree, Inc CXA2590-0000-000R0HZ440F Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
10
XLamp CXa2590 LED
ansi White bins
code
cct
bin
code
x
y
0e1
6500 K
1A0
0.3048 0.3207
0.3130 0.3290
0.3144 0.3186
0.3068 0.3113
1B0
0.3028 0.3304
0.3115 0.3391
0.3130 0.3290
0.3048 0.3207
1C0
0.3115 0.3391
0.3205 0.3481
0.3213 0.3373
0.3130 0.3290
1D0
0.3130 0.3290
0.3213 0.3373
0.3221 0.3261
0.3144 0.3186
ansi White bins
code
cct
bin
code
x
y
0e2
5700 K
2A0
0.3215 0.3350
0.3290 0.3417
0.3290 0.3300
0.3222 0.3243
2B0
0.3207 0.3462
0.3290 0.3538
0.3290 0.3417
0.3215 0.3350
2C0
0.3290 0.3538
0.3376 0.3616
0.3371 0.3490
0.3290 0.3417
2D0
0.3290 0.3417
0.3371 0.3490
0.3366 0.3369
0.3290 0.3300
ansi White bins
code
cct
bin
code
x
y
0e3
5000 K
3A0
0.3371
0.3490
0.3451
0.3554
0.3440
0.3427
0.3366
0.3369
3B0
0.3376
0.3616
0.3463
0.3687
0.3451
0.3554
0.3371
0.3490
3C0
0.3463
0.3687
0.3551
0.3760
0.3533
0.3620
0.3451
0.3554
3D0
0.3451
0.3554
0.3533
0.3620
0.3515
0.3487
0.3440
0.3427
ansi White bins
code
cct
bin
code
x
y
0e5
4000 K
5A0
0.3670
0.3578
0.3702
0.3722
0.3825
0.3798
0.3783
0.3646
5B0
0.3702
0.3722
0.3736
0.3874
0.3869
0.3958
0.3825
0.3798
5C0
0.3825
0.3798
0.3869
0.3958
0.4006
0.4044
0.3950
0.3875
5D0
0.3783
0.3646
0.3825
0.3798
0.3950
0.3875
0.3898
0.3716
Performance grouPs - chromaticity (t
J = 85 °c) - continued


Similar Part No. - CXA2590-0000-000R0HZ440F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

Similar Description - CXA2590-0000-000R0HZ440F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com