Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBMJ2125HM210NT Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # FBMJ2125HM210NT
Description  CHIP BEAD INDUCTORS FOR POWER LINES (FB SERIES M TYPE)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

FBMJ2125HM210NT Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  FBMJ2125HM210NT Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc FBMJ2125HM210NT Datasheet HTML 9Page - Taiyo Yuden (U.S.A.), Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
14
Thiscatalogcontainsthetypicalspecificationonlyduetothelimitationofspace.Whenyouconsiderthepurchaseofourproducts,pleasecheckourspecification.
Fordetailsofeachproduct(characteristicsgraph,reliabilityinformation,precautionsforuse,andsoon),seeourWebsite(http://www.ty-top.com/).
111
PARTS NUMBER
FB MH4516
FB MH4516HM851NT
RoHS
850
±30%
100
0.100
1.5
1.6 ±0.2
FB MH4525
FB MH4525HM102NT
RoHS
1000
±30%
100
0.060
3.0
2.5 ±0.3
FB MH4525HM162NT
RoHS
1600
±30%
100
0.130
2.0
2.5 ±0.3
FB MH4532
FB MH4532HM681-T
RoHS
680
±25%
100
0.028
4.0
3.2 ±0.3
FB MH4532HM132-T
RoHS
1300
±25%
100
0.060
3.0
3.2 ±0.3
FB MH4532HM202-T
RoHS
2000
±25%
100
0.130
1.3
3.2 ±0.3
High current type
FB MJ1608HS220NTR
RoHS
22
±30%
100
0.004
7.5
0.8 ±0.2
FB MJ1608HS280NTR
RoHS
28
±30%
100
0.006
6.0
0.8 ±0.2
FB MJ1608HM180NTR
RoHS
18
±30%
100
0.004
7.5
0.8 ±0.2
FB MJ1608HM230NTR
RoHS
23
±30%
100
0.006
6.0
0.8 ±0.2
Measuring frequency
[MHz]
DC Resistance
[Ω](max.)
Parts number
EHS
Nominal impedance
(Ω)
Impedance tolerance
Rated current
[A](max.)
Thickness
[mm]
Parts number
EHS
Nominal impedance
(Ω)
Impedance tolerance
Measuring frequency
[MHz]
DC Resistance
[Ω](max.)
Rated current
[A](max.)
Thickness
[mm]
Rated current
[A](max.)
Thickness
[mm]
Parts number
EHS
Nominal impedance
(Ω)
Impedance tolerance
Measuring frequency
[MHz]
DC Resistance
[Ω](max.)
Rated current
[A](max.)
Thickness
[mm]
Parts number
EHS
Nominal impedance
(Ω)
Impedance tolerance
Measuring frequency
[MHz]
DC Resistance
[Ω](max.)
chipbeads_e-E02R01


Similar Part No. - FBMJ2125HM210NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMJ2125HM210NT TAIYO-YUDEN-FBMJ2125HM210NT Datasheet
266Kb / 2P
   Chip Bead Inductors for Power Lines (FB series M type)[FBMJ]
FBMJ2125HM210NT8 TAIYO-YUDEN-FBMJ2125HM210NT8 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (FB series M type)[FBMJ]
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV Datasheet
143Kb / 1P
   Chip Bead Power Inductors for Automotive
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
FBMJ2125HM210NTV TAIYO-YUDEN-FBMJ2125HM210NTV_V01 Datasheet
276Kb / 2P
   Chip Bead Power Inductors for Automotive (BODY & CHASSIS, INFOTAINMENT) / Industrial Applications (FB series M type)[FBMJ]
More results

Similar Description - FBMJ2125HM210NT

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
FBMH3216HM501NT TAIYO-YUDEN-FBMH3216HM501NT Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM681-T TAIYO-YUDEN-FBMH4532HM681-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ4516HS720NT TAIYO-YUDEN-FBMJ4516HS720NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HM101-T TAIYO-YUDEN-FBMH1608HM101-T Datasheet
163Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4525HM162NT TAIYO-YUDEN-FBMH4525HM162NT Datasheet
166Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FAR-F6KA-1G7475-D4CY-Z TAIYO-YUDEN-FAR-F6KA-1G7475-D4CY-Z Datasheet
240Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH4532HM132-T TAIYO-YUDEN-FBMH4532HM132-T Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL600-T TAIYO-YUDEN-FBMH1608HL600-T Datasheet
159Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH3225HM102NT TAIYO-YUDEN-FBMH3225HM102NT Datasheet
157Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMH1608HL601-T TAIYO-YUDEN-FBMH1608HL601-T Datasheet
161Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
FBMJ3216HM380NT TAIYO-YUDEN-FBMJ3216HM380NT Datasheet
164Kb / 1P
   Chip Bead Inductors for Power Lines (FB series M type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com