Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1772-2310 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # F1772-2310
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-2310 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button F1772-2310 Datasheet HTML 3Page - Vishay Siliconix F1772-2310 Datasheet HTML 4Page - Vishay Siliconix F1772-2310 Datasheet HTML 5Page - Vishay Siliconix F1772-2310 Datasheet HTML 6Page - Vishay Siliconix F1772-2310 Datasheet HTML 7Page - Vishay Siliconix F1772-2310 Datasheet HTML 8Page - Vishay Siliconix F1772-2310 Datasheet HTML 9Page - Vishay Siliconix F1772-2310 Datasheet HTML 10Page - Vishay Siliconix F1772-2310 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Document Number: 28161
For technical questions, contact: RFI@vishay.com
www.vishay.com
Revision: 13-Jan-12
349
F1772-2 310 V-X2
Interference Suppression Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION NOTES AND LIMITING CONDITIONS
 For X2 electromagnetic interference suppression where a higher stabililty grade is needed for continuous across the line
applications (50 Hz/60 Hz) with a maximum mains voltage of 310 VAC.
 These capacitors are not intended for continuous pulse application. For these situations capacitors of the AC and pulse
programs must be used.
 For series impedance applications we refer to application note: www.vishay.com/doc?28153
 The maximum ambient temperature must not exceed 110 °C.
 Rated voltage pulse slope:
If the pulse voltage is lower than the rated voltage, the values of the specific reference data can be multiplied by 435 VDC and
divided by the applied voltage.
INSPECTION REQUIREMENTS
General Notes:
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Publication IEC 60384-14 ed 3
and Specific Reference Data”.
Group C Inspection Requirements
Insulation resistance as a function of ambient temperature
(typical curve)
T
amb (°C)
10
5
10
4
10
2
10
3
- 60
- 20
20
60
100
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE
OF SUB-GROUP C1
4.1
Dimensions (detail)
As specified in chapter “General Data” of this
specification
Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.3
Robustness of terminations
Tensile: Load 10 N; 10 s
Bending: Load 5 N; 4 x 90°
No visible damage
4.4
Resistance to soldering heat
No pre-drying
Method: 1A
Solder bath: 280 °C ± 5 °C
Duration: 10 s


Similar Part No. - F1772-2310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2000 VISHAY-F1772-2000 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000 Datasheet
68Kb / 2P
   AC-Capacitors, Suppression Capacitors
Revision 17-Sep-02
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-2310

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com