Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1772-2 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # F1772-2
Description  Interference Suppression Film Capacitors MKT Radial Potted Type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

F1772-2 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button F1772-2 Datasheet HTML 4Page - Vishay Siliconix F1772-2 Datasheet HTML 5Page - Vishay Siliconix F1772-2 Datasheet HTML 6Page - Vishay Siliconix F1772-2 Datasheet HTML 7Page - Vishay Siliconix F1772-2 Datasheet HTML 8Page - Vishay Siliconix F1772-2 Datasheet HTML 9Page - Vishay Siliconix F1772-2 Datasheet HTML 10Page - Vishay Siliconix F1772-2 Datasheet HTML 11Page - Vishay Siliconix F1772-2 Datasheet HTML 12Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
F1772-2 310 V-X2
Vishay BCcomponents Interference Suppression Film Capacitors
MKT Radial Potted Type
www.vishay.com
For technical questions, contact: RFI@vishay.com
Document Number: 28161
350
Revision: 13-Jan-12
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C1A PART OF SAMPLE
OF SUB-GROUP C1
4.19
Component solvent resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 ± 0.5 min
Recovery time: Min. 1 h, max. 2 h
4.4.2
Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
C/C|  5 % of the value measured initially
Tangent of loss angle
Increase of tan
 0.008 for: C  1 µF or
 0.005 for: C > 1 µF
Compared to values measured initially
Insulation resistance
As specified in section “Insulation
Resistance” of this specification
SUB-GROUP C1B PART OF SAMPLE
OF SUB-GROUP C1
Initial measurements
Capacitance
Tangent of loss angle:
For C
 1 µF at 10 kHz
For C > 1 µF at 1 kHz
4.20
Solvent resistance of the marking
Isopropylalcohol at room temperature
Method: 1
Rubbing material: Cotton wool
Immersion time: 5 min ± 0.5 min
No visible damage
Legible marking
4.6
Rapid change of temperature
A = - 40 °C
B = + 110 °C
5 cycles
Duration t = 30 min
4.6.1
Inspection
Visual examination
No visible damage
4.7
Vibration
Mounting:
See section “Mounting” of this specification
Procedure B4
Frequency range: 10 Hz to 55 Hz
Amplitude: 0.75 mm or
Acceleration 98 m/s²
(whichever is less severe)
Total duration 6 h
4.7.2
Final inspection
Visual examination
No visible damage
4.9
Shock
Mounting:
See section “Mounting” for more information
Pulse shape: Half sine
Acceleration: 490 m/s²
Duration of pulse: 11 ms
4.9.2
Final measurements
Visual examination
No visible damage
Capacitance
C/C|  5 % of the value measured initally
Tangent of loss angle
Increase of tan
 0.008 for: C  1 µF or
 0.005 for: C > 1 µF
Compared to values measured initially
Insulation resistance
As specified in section “Specific Reference”
of this specification
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS


Similar Part No. - F1772-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1772-2000 VISHAY-F1772-2000 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2000 VISHAY-F1772-2000 Datasheet
68Kb / 2P
   AC-Capacitors, Suppression Capacitors
Revision 17-Sep-02
F1772-2000 VISHAY-F1772-2000_08 Datasheet
79Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
F1772-2200 VISHAY-F1772-2200 Datasheet
96Kb / 4P
   AC-Capacitors, Suppression Capacitors Class X2 AC 275 V (MKT)
Revision: 11-Jun-07
More results

Similar Description - F1772-2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F17723222000 VISHAY-F17723222000 Datasheet
136Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 17-Apr-13
F17103101900 VISHAY-F17103101900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
F17724152030 VISHAY-F17724152030 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17725102000 VISHAY-F17725102000 Datasheet
129Kb / 12P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 13-Jan-12
F17102221900 VISHAY-F17102221900 Datasheet
77Kb / 4P
   Interference Suppression Film Capacitors MKT Radial Potted Type
Revision: 28-Sep-12
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com