Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109P0405H902 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 109P0405H902
Description  DC Axial Fans
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

109P0405H902 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  109P0405H902 Datasheet HTML 1Page - Sanyo Semicon Device 109P0405H902 Datasheet HTML 2Page - Sanyo Semicon Device 109P0405H902 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fine Ace
Brushless DC Motor with Plastic Fan Housing and Impeller
Permanently Lubricated Dual Ball Bearing System
Current Limiting System with Reverse Polarity Protection
Color-coded 300mm AWG 24 Leads (stripped and thinned ends)
Operating Temperature: -10 ºC to +60 ºC (No Condensation)
Storage Temperature: -30 ºC to +70 ºC (No Condensation)
Dielectric Strength: 50/60 Hz, 500 VAC, one (1) minute
(between lead conductor and frame)
Mass: 19g to 52g
Rotational Direction: CW looking at label
Pulse/Lock/Inverse Lock/Low Speed/Inverse Low Speed Sensor Options
Models without sensor
Models with sensor
Click to view dimensional drawings
0.18
6.4
75.5
28
1.40
7700
109P0405H702
0.15
0.20
0.18
5.3
7.06
6.4
53.0
89.6
75.5
5
5
12
12
4.5 - 5.5
4.5 - 5.5
10.2 - 13.8
10.2 - 13.8
0.30
0.21
0.36
0.30
24
1.05
6500
109P0405M702
32
2.40
8600
109P0412S702
28
1.56
7700
109P0412H702
40x40x15mm
m /min
CFM
Pa
inch/H 0
V
V
dB(A)
W
min
3
2
-1
Click on Model No in red to view air performance curves
Static
Static
Nominal
Voltage
Sound
Power
Nominal
Pressure
Pressure
Voltage
Range
Pressure
Input
Speed
Airflow
Airflow
Model No.
Models without sensor
Models with sensor
Click to view dimensional drawings
0.15
5.3
41.2
25
0.80
6200
109P0405H902
0.12
0.15
0.12
4.2
5.3
4.2
26.5
41.2
26.5
5
5
12
12
4.5 - 5.5
4.5 - 5.5
7.0 - 13.8
7.0 - 13.8
0.165
0.108
0.165
0.108
21
0.55
5000
109P0405M902
25
0.84
6200
109P0412H902
21
0.72
5000
109P0412M902
40x40x10mm
m /min
CFM
Pa
inch/H 0
V
V
dB(A)
W
min
3
2
-1
Click on Model No in red to view air performance curves
0.15
5.3
53.0
24
1.14
6500
109P0412M702
0.12
0.09
0.18
4.2
3.18
6.4
34.9
18.7
75.5
12
12
12
24
10.2 - 13.8
10.2 - 13.8
10.2 - 13.8
20.4 - 27.6
0.21
0.14
0.075
0.30
20
0.96
5400
109P0412D7D01*
17
0.84
4000
109P0412B702
28
1.92
7700
109P0424H702
Static
Static
Nominal
Voltage
Sound
Power
Nominal
Pressure
Pressure
Voltage
Range
Pressure
Input
Speed
Airflow
Airflow
Model No.
FINE ACE continued on next page
DC Axial Fans
All Rights Reserved 2002 Sanyo Denki Co., Ltd.
SANYO DENKI


Similar Part No. - 109P0405H902

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0405H901 SANYO-109P0405H901 Datasheet
112Kb / 2P
   San Ace 40
logo
List of Unclassifed Man...
109P0405H901 ETC2-109P0405H901_14 Datasheet
96Kb / 2P
   DC Fan San Ace 40
More results

Similar Description - 109P0405H902

ManufacturerPart #DatasheetDescription
logo
ETRI
246DL5LP11000 ETRI-246DL5LP11000_16 Datasheet
178Kb / 1P
   DC Axial Fans
338DX1LP11000 ETRI-338DX1LP11000_16 Datasheet
271Kb / 1P
   DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000_16 Datasheet
302Kb / 1P
   DC Axial Fans
380DL5LP11000 ETRI-380DL5LP11000_16 Datasheet
191Kb / 1P
   DC Axial Fans
125DH9LP11241 ETRI-125DH9LP11241_11 Datasheet
252Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000_16 Datasheet
184Kb / 1P
   DC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
   DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
   DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
   DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
   DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
   DC Axial Fans
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com