Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95CAP-003 Datasheet(PDF) 1 Page - Grayhill, Inc

Part # 95CAP-003
Description  Non-Washable Tactile Switches
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

95CAP-003 Datasheet(HTML) 1 Page - Grayhill, Inc

  95CAP-003 Datasheet HTML 1Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Non-Washable Tactile Switches
SPECIFICATIONS:
Non-Washable Switches
Materials
Base: UL94V-0 Nylon thermoplastic
Cover: Stainless steel, tin-plated steel
Actuator: UL94V-0 Nylon thermoplastic
Terminal: Brass with silver-plating
Contact: Stainless steel with silver-plating
Cap: Thermoplastic ABS
Electrical
Rating: 50mA, 12 Vdc
Life: 100g, 160g: 1,000,000 cycles;
260g: 500,000 cycles
320g, 520g, 300,000 cycles
Actuator Travel: .010” + .008”/ - .004”
Contact Resistance: 100 m
Ω max.
Insulation Resistance: 100 M
Ω min.
at 500Vdc
Dielectric Strength: No dielectric breakdown
after 250V for one minute
Contact Arrangement: single pole, single
throw
Environmental
Operating Temp. Range: -25 to 70°C
Storage Temp. Range: -30 to 80°C
Mechanical Shock: MIL-STD-202F, Method
213B, Test Condition A. Gravity: 50G's (peak
value), 11 msec. Direction and times: 6 sides and
3 times in each direction. High reliability.
Vibration: MIL-STD-202F,Method201A. Passed
6 hours (2 hours in each) of three perpendicular
planes at a cycle of 10-55-10Hz/minute. High
reliability.
Soldering Process
Hand Soldering: Use a soldering iron of 30
watts, controlled at 350°C for 5 seconds
maximum while applying solder.
Reflow Soldering (surface mount versions
only): Peak temperature 260°C (500°F).
Wave Soldering: 260C° (500°F) maximum
for 5 seconds subject to PCB .063 in.
(1,6mm) thickness.
Available from your local Grayhill
Component Distributor.
For prices and discounts, contact a local
Sales Office, an authorized local
distributor, or Grayhill.
ORDERING INFORMATION: Non-Washable Switches
Series
Size: 06 = 6mm Square
Height (“H”): A = .124 (3,14), B = .152 (3,86), C = .230 (5,84), D = .329 (8,36), E = .467 (11,86)
95C06A2RAT
F = .242 (6,15) for use with decorative caps
RoHS compliant
Terminal Style: RA = Right Angle
Operating Force (Actuator Color): 2 = 100g (Black), 3 = 160g (Brown), 4 = 260g (Red)
Series
Size: 06 = 6mm Square
Height (“H”): A = .169 (4,29), B = .197 (5,00), C = .276 (7,01), D = .374 (9,50), E = .512 (13,00)
95C06A2GWRT
F = .287 (7,29) for use with decorative caps
RoHS compliant
Packaging: Blank = Tube or bulk, R = Tape and Reel (see pkg note)
Terminal Style: Blank = Thru-hole, GW = Gull Wing
Operating Force (Actuator Color): 2 = 100g (Black), 3 = 160g (Brown), 4 = 260g (Red),
5 = 320g (Orange), 6 = 520g (Yellow)
Thru-Hole and Gull Wing
Right Angle
Packaging Thru-Hole: Bulk,1000 pcs/bag. Surface Mount: 77 pcs/tube, 1000 pcs/reel (.169" height), 900 pcs/reel (.197" height), 500 pcs/reel
(.276" and .287” height), 380 pcs/reel (.374" height). Right Angle: Bulk, 1000 pcs/bag.
6mm SQUARE
"A"
,
"A"
"B"
"B"
.217
SEC "A-A"
.110
.157
SEC "B-B"
figure 1
figure 2
6mm ROUND
A
.217
.110
SEC A-A'
.177
DIA.
A'
B
SEC B-B'
B'
PART
NUMBER
95CAP-000
95CAP-001
95CAP-002
95CAP-003
95CAP-004
95CAP-005
95CAP-006
95CAP-010
95CAP-011
95CAP-012
95CAP-013
95CAP-014
95CAP-015
95CAP-016
SWITCH
SIZE
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
6mm
SHAPE
SQUARE
SQUARE
SQUARE
SQUARE
SQUARE
SQUARE
SQUARE
ROUND
ROUND
ROUND
ROUND
ROUND
ROUND
ROUND
COLOR
YELLOW
BLUE
RED
NATURAL
BLACK
GREEN
ORANGE
YELLOW
BLUE
RED
NATURAL
BLACK
GREEN
ORANGE
FIGURE
1
1
1
1
1
1
1
2
2
2
2
2
2
2
DECORATIVE CAPS (for use with “F” style square actuators)
TACT
6


Similar Part No. - 95CAP-003

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
95CAP-003 GRAYHILL-95CAP-003 Datasheet
267Kb / 3P
   Non-Washable Tactile Switches
More results

Similar Description - 95CAP-003

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
95C12A3GWRT GRAYHILL-95C12A3GWRT Datasheet
52Kb / 1P
   Non-Washable Tactile Switches
95C04A3GWRT GRAYHILL-95C04A3GWRT Datasheet
94Kb / 1P
   Non-Washable Tactile Switches
95C06A2RAT GRAYHILL-95C06A2RAT Datasheet
267Kb / 3P
   Non-Washable Tactile Switches
logo
GREATECS
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
TP57 GREATECS-TP57 Datasheet
168Kb / 2P
   12 x 12 mm Washable Halogen-Free Tactile Switches
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
KSMC612A HOKURIKU-KSMC612A Datasheet
183Kb / 2P
   Tactile Switches
KSMC632A HOKURIKU-KSMC632A Datasheet
216Kb / 2P
   Tactile Switches
logo
List of Unclassifed Man...
101-TS7311T1601-EV ETC2-101-TS7311T1601-EV Datasheet
147Kb / 1P
   Tactile Switches
logo
Copal Electronics
TME COPAL-TME Datasheet
177Kb / 2P
   Tactile Switches
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com